Electronic Components Datasheet Search
  English  ▼

X  

L99H01QF Datasheet(PDF) 1 Page - STMicroelectronics

Part # L99H01QF
Description  Motor bridge driver for automotive applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H01QF Datasheet(HTML) 1 Page - STMicroelectronics

  L99H01QF Datasheet HTML 1Page - STMicroelectronics L99H01QF Datasheet HTML 2Page - STMicroelectronics L99H01QF Datasheet HTML 3Page - STMicroelectronics L99H01QF Datasheet HTML 4Page - STMicroelectronics L99H01QF Datasheet HTML 5Page - STMicroelectronics L99H01QF Datasheet HTML 6Page - STMicroelectronics L99H01QF Datasheet HTML 7Page - STMicroelectronics L99H01QF Datasheet HTML 8Page - STMicroelectronics L99H01QF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
This is information on a product in full production.
September 2013
DocID15567 Rev 6
1/53
L99H01
Motor bridge driver for automotive applications
Datasheet
- production data
Features
• Operating supply voltage 6 V to 28 V
• Central 2 stage charge pump
• 100% duty cycle
• Full RDSon down to 6 V (normal level
MOSFETs)
• Control of reverse battery protection MOSFET
• Charge pump current limited
• PWM operation up to 30 kHz
• SPI interface
• Current sense amplifier / free configurable
• Zero adjust for end of line trimming
• Power management: programmable free
wheeling
• Sensing circuitry of external MOSFETs with
embedded thermal sensors
Applications
• Wiper
• Power door
• Seat belt tensioner
• Seat positioning
• Valve tronic
• Park break
• 2H motors
Description
The L99H01 is designed to control 4 external
N-channel MOS transistors in bridge configuration
for DC-motor driving in automotive applications. A
free configurable current sense amplifier is
integrated. The integrated standard serial
peripheral interface (SPI) controls all outputs and
provides diagnostic information. An interface pin
for the thermal sensors of the external MOSFETs
is implemented.
PowerSSO-36
LQFP32
7x7mm
Table 1. Device summary
Package
Order codes
Part number (tube)
Part number (tape and reel)
Part number (tray)
PowerSSO-36
L99H01XP
L99H01XPTR
—
LQFP32
—
L99H01QFTR
L99H01QF
www.st.com


Similar Part No. - L99H01QF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L99H01QF STMICROELECTRONICS-L99H01QF Datasheet
1Mb / 22P
for car body applications
Oct-2013
More results

Similar Description - L99H01QF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV3201-Q1 TI1-DRV3201-Q1 Datasheet
412Kb / 44P
3 Phase Motor Driver-IC for Automotive Safety Applications
logo
Mitsubishi Electric Sem...
M81729JFP MITSUBISHI-M81729JFP Datasheet
183Kb / 8P
HIGH VOLTAGE HALF BRIDGE DRIVER FOR AUTOMOTIVE APPLICATIONS
logo
STMicroelectronics
VNH2SP30TR-E STMICROELECTRONICS-VNH2SP30TR-E Datasheet
636Kb / 33P
Automotive fully integrated H-bridge motor driver
02-Oct-2008
L99H01XP STMICROELECTRONICS-L99H01XP Datasheet
1Mb / 53P
Motor bridge driver for automotive applications
21-Jun-2013
VNH5019ATR-E STMICROELECTRONICS-VNH5019ATR-E Datasheet
470Kb / 37P
Automotive fully integrated H-bridge motor driver
19-Sep-2013
logo
Texas Instruments
DRV8873-Q1 TI1-DRV8873-Q1 Datasheet
170Kb / 8P
Automotive H-Bridge Motor Driver
DRV8873-Q1 TI1-DRV8873-Q1_18 Datasheet
173Kb / 8P
Automotive H-Bridge Motor Driver
logo
STMicroelectronics
VNHD7008AY STMICROELECTRONICS-VNHD7008AY Datasheet
1Mb / 44P
H-bridge motor driver for automotive DC motor driving
01-Apr-2020
L99H02 STMICROELECTRONICS-L99H02 Datasheet
1Mb / 51P
H-bridge gate driver for automotive applications
24-Feb-2021
VNHD7012AY STMICROELECTRONICS-VNHD7012AY Datasheet
1Mb / 43P
H-bridge motor driver for automotive DC motor driving
10-Mar-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com