Electronic Components Datasheet Search
  English  ▼

X  

L99H01 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L99H01
Description  Motor bridge driver for automotive applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H01 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L99H01 Datasheet HTML 4Page - STMicroelectronics L99H01 Datasheet HTML 5Page - STMicroelectronics L99H01 Datasheet HTML 6Page - STMicroelectronics L99H01 Datasheet HTML 7Page - STMicroelectronics L99H01 Datasheet HTML 8Page - STMicroelectronics L99H01 Datasheet HTML 9Page - STMicroelectronics L99H01 Datasheet HTML 10Page - STMicroelectronics L99H01 Datasheet HTML 11Page - STMicroelectronics L99H01 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
Block diagram and pin description
L99H01
8/53
DocID15567 Rev 6
9CLK
Serial clock input: this input controls the internal shift register of the
SPI and requires CMOS logic levels.This input has a pull-down
current.
10
DI
Serial data in: the input requires CMOS logic levels and receives serial
data from the microcontroller. The data is an 8-bit control word and the
most significant bit (MSB, bit 7) is transferred first. This input has a
pull-down current.
11
DO
Serial data out: the diagnosis data is available via the SPI and this
tristate-output. The output remains in tristate, if the chip is not selected
by the input CSN (CSN = high).
12, 14, 19,
20, 22
NC
Not connected.
13
CSO
Current sense amplifier output: VCC compatible.
15
CSI1+
Current sense amplifier input: positive input 1, multiplexible.
16
CSI1-
Current sense amplifier input: negative input 1, multiplexible.
17
CSI2+
Current sense amplifier input: positive input 2, multiplexible.
18
CSI2-
Current sense amplifier input: negative input 2, multiplexible.
21
TS/ ACT_OFF Thermal sensor interface or input to switch all driver active off.
23
GL2
Gate driver for PowerMOS low-side switch in halfbridge 2.
24
SL2
Source of low-side switch in halfbridge 2.
25
GH2
Gate driver for PowerMOS high-side switch in halfbridge 2.
26
SH2
Source/drain of halfbridge 2.
27
SL1
Source of low-side switch in halfbridge 1.
28
GL1
Gate driver for PowerMOS low-side switch in halfbridge 1.
29
SH1
Source/drain of halfbridge 1.
30
GH1
Gate driver for PowerMOS high-side switch in halfbridge 1.
31
CP
Charge pump output.
32
CP2+
Charge pump pin for capacitor 2, positive side.
33
CP2-
Charge pump pin for capacitor 2, negative side.
34
CP1+
Charge pump pin for capacitor 1, positive side.
35
CP1-
Charge pump pin for capacitor 1, negative side.
36
VS
Power supply voltage (external reverse protection required).
For EMI reason a ceramic capacitor as close as possible to GND is
recommended.
Table 2. Pin definitions and functions (continued)
Pin
Symbol
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com