Electronic Components Datasheet Search
  English  ▼

X  

PS2805-4 Datasheet(PDF) 2 Page - NEC

Part # PS2805-4
Description  HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP PHOTOCOUPLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2805-4 Datasheet(HTML) 2 Page - NEC

  PS2805-4 Datasheet HTML 1Page - NEC PS2805-4 Datasheet HTML 2Page - NEC PS2805-4 Datasheet HTML 3Page - NEC PS2805-4 Datasheet HTML 4Page - NEC PS2805-4 Datasheet HTML 5Page - NEC PS2805-4 Datasheet HTML 6Page - NEC PS2805-4 Datasheet HTML 7Page - NEC PS2805-4 Datasheet HTML 8Page - NEC PS2805-4 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
PS2805-1,PS2805-4
PACKAGE DIMENSIONS (in millimeters)
M
0.12
0.4±0.1
1.27
PS2805-1
PS2805-4
4.4
7.0±0.3
0.5±0.3
1.3
2.7±0.3
10.3±0.3
4.4
7.0±0.3
0.5±0.3
1.3
TOP VIEW
Anode, Cathode
Cathode, Anode
Emitter
Collector
1. 3. 5. 7.
2. 4. 6. 8.
9. 11. 13. 15.
10. 12. 14. 16.
12 34 56 78
16 15 14 13 12 11 10 9
TOP VIEW
1. Anode, Cathode
2. Cathode, Anode
3. Emitter
4. Collector
43
12
1.27
M
0.12
0.40
+0.10
–0.05
MARKING
5 03
Weekly Serial Code
Assembly Year
5 503
Assembly lot
Last number of type No. : 5
PS2805-1
PS2805-4
N 5 03
Weekly Serial Code
Assembly Year
CTR Rank Name
Assembly lot
Type Number
Company & Country Name
No. 1 pin
Mark
PS2805-4
N 503
JAPAN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com