Electronic Components Datasheet Search
  English  ▼

X  

PC3SD21NTZCF Datasheet(PDF) 6 Page - Sharp Corporation

Part # PC3SD21NTZCF
Description  Zero cross type DIP 6pin Phototriac Coupler for triggering
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3SD21NTZCF Datasheet(HTML) 6 Page - Sharp Corporation

Back Button PC3SD21NTZCF Datasheet HTML 2Page - Sharp Corporation PC3SD21NTZCF Datasheet HTML 3Page - Sharp Corporation PC3SD21NTZCF Datasheet HTML 4Page - Sharp Corporation PC3SD21NTZCF Datasheet HTML 5Page - Sharp Corporation PC3SD21NTZCF Datasheet HTML 6Page - Sharp Corporation PC3SD21NTZCF Datasheet HTML 7Page - Sharp Corporation PC3SD21NTZCF Datasheet HTML 8Page - Sharp Corporation PC3SD21NTZCF Datasheet HTML 9Page - Sharp Corporation PC3SD21NTZCF Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Lead Form
Shipping Package
DIN
EN60747-5-2
Model No.
Through-Hole
PC3SD21NTZCF
-
MAX.5
MAX.7
Sleeve
50pcs/sleeve
PC3SD21YTZCF
Approved
SMT Gullwing
PC3SD21NXZCF
-
PC3SD21YXZCF
Approved
Wide Through-Hole
PC3SD21NVZCF
-
PC3SD21YVZCF
PC3SD21NTZBF
Approved
C
PC3SD21NTZDF
MAX.3
PC3SD21YTZDF
D
B
IFT [mA]
(VD =4V,
R L=100Ω )
Rank mark
6
PC3SD21NTZ Series
Sheet No.: D2-A07601F EN
Model Line-up
Lead Form
Shipping Package
DIN
EN60747-5-2
Model No.
Wide SMT Gullwing
PC3SD21NWZCF
-
MAX.5
MAX.7
Taping
1 000pcs/reel
Sleeve
50pcs/sleeve
PC3SD21YWZCF
Approved
SMT Gullwing
PC3SD21NXPCF
-
PC3SD21YXPCF
Approved
Wide SMT Gullwing
PC3SD21NWPCF
-
PC3SD21YWPCF
PC3SD21NWZBF
Approved
C
PC3SD21NWZDF
MAX.3
PC3SD21YWZDF
D
B
IFT [mA]
(VD =4V,
R L=100Ω )
Rank mark
PC3SD21YVZBF
PC3SD21NVZBF
PC3SD21YXZBF
PC3SD21NXZBF
PC3SD21YTZBF
PC3SD21YVZDF
PC3SD21NVZDF
PC3SD21YXZDF
PC3SD21NXZDF
PC3SD21YWPBF
PC3SD21NWPBF
PC3SD21YXPBF
PC3SD21NXPBF
PC3SD21YWZBF
PC3SD21YWPDF
PC3SD21NWPDF
PC3SD21YXPDF
PC3SD21NXPDF
Please contact a local SHARP sales representative to inquire about production status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com