Electronic Components Datasheet Search
  English  ▼

X  

SM6T68CAY Datasheet(PDF) 4 Page - STMicroelectronics

Part # SM6T68CAY
Description  Automotive 600 W Transil
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM6T68CAY Datasheet(HTML) 4 Page - STMicroelectronics

  SM6T68CAY Datasheet HTML 1Page - STMicroelectronics SM6T68CAY Datasheet HTML 2Page - STMicroelectronics SM6T68CAY Datasheet HTML 3Page - STMicroelectronics SM6T68CAY Datasheet HTML 4Page - STMicroelectronics SM6T68CAY Datasheet HTML 5Page - STMicroelectronics SM6T68CAY Datasheet HTML 6Page - STMicroelectronics SM6T68CAY Datasheet HTML 7Page - STMicroelectronics SM6T68CAY Datasheet HTML 8Page - STMicroelectronics SM6T68CAY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Characteristics
SM6TY
4/12
DocID17741 Rev 5
Figure 5. Clamping voltage versus peak pulse current exponential waveform (maximum values)
Figure 3. Peak power dissipation versus initial
junction temperature (typical values)
Figure 4. Peak pulse power versus exponential
pulse duration
0
100
200
300
400
500
600
700
10/1000 µs
0
25
50
75
100
125
150
175
P
pp (W)
Tj(°C)
0.1
1.0
10.0
100.0
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
P
PP(kW)
T
j initial = 25 °C
tP(ms)
0.1
1.0
10.0
100.0
1000.0
1
10
100
1000
I
PP(A)
T
= 25 °C
j initial
8/20 µs
10/1000 µs
V(V)
CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com