Electronic Components Datasheet Search
  English  ▼

X  

TLP181Y Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP181Y
Description  TOSHIBA Photocoupler GaAs Ired Photo?뭈ransistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP181Y Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP181Y Datasheet HTML 1Page - Toshiba Semiconductor TLP181Y Datasheet HTML 2Page - Toshiba Semiconductor TLP181Y Datasheet HTML 3Page - Toshiba Semiconductor TLP181Y Datasheet HTML 4Page - Toshiba Semiconductor TLP181Y Datasheet HTML 5Page - Toshiba Semiconductor TLP181Y Datasheet HTML 6Page - Toshiba Semiconductor TLP181Y Datasheet HTML 7Page - Toshiba Semiconductor TLP181Y Datasheet HTML 8Page - Toshiba Semiconductor TLP181Y Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TLP181
2009-11-12
3
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
50
mA
Forward current detating
ΔIF / °C
−1.4 (Ta
≥89°C)
mA / °C
Pulse forward current
(100μs pulse, 100pps)
IFP
1
A
Reverse voltage
VR
5
V
Junction temperature
Tj
125
°C
Collector
−emitter voltage
VCEO
80
V
Emitter
−collector voltage
VECO
7
V
Collector current
IC
50
mA
Collector power dissipation
(1 Circuit)
PC
150
mW
Collector power dissipation
derating (1 Circuit Ta ≥ 25°C)
ΔPC / °C
−1.5
mW / °C
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55 to 125
°C
Operating temperature range
Topr
−55 to 110
°C
Lead soldering temperature
Tsol
260 (10s)
°C
Total package power dissipation
PT
200
mW
Total package power dissipation
derating (Ta ≥ 25°C)
ΔPT / °C
−2.0
mW / °C
Isolation voltage
(AC, 1min., R.H. ≤ 60%)
(Note 1)
BVS
3750
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
(Note 1) Device considered a two
−terminal device: Pin1, 3 shorted together and pins 4, 6 shorted together
Recommended Operating Conditions
Characteristic
Symbol
Min
Typ.
Max
Unit
Supply voltage
VCC
―
5
48
V
Forward current
IF
―
16
20
mA
Collector current
IC
―
1
10
mA
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com