Electronic Components Datasheet Search
  English  ▼

X  

TLP181 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP181
Description  TOSHIBA Photocoupler GaAs Ired Photo?뭈ransistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP181 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP181 Datasheet HTML 1Page - Toshiba Semiconductor TLP181 Datasheet HTML 2Page - Toshiba Semiconductor TLP181 Datasheet HTML 3Page - Toshiba Semiconductor TLP181 Datasheet HTML 4Page - Toshiba Semiconductor TLP181 Datasheet HTML 5Page - Toshiba Semiconductor TLP181 Datasheet HTML 6Page - Toshiba Semiconductor TLP181 Datasheet HTML 7Page - Toshiba Semiconductor TLP181 Datasheet HTML 8Page - Toshiba Semiconductor TLP181 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TLP181
2009-11-12
1
TOSHIBA Photocoupler GaAs Ired & Photo
−Transistor
TLP181
Office Machine
Programmable Controllers
AC Adapter
I/O Interface Board
The TOSHIBA mini flat coupler TLP181 is a small outline coupler, suitable
for surface mount assembly.
TLP181 consist of a photo transistor optically coupled to a gallium arsenide
infrared emitting diode. Since TLP181 is smaller than DIP package, it’s
suitable for high-density surface mounting applications such as
programmable controllers
• Collector−emitter voltage: 80V (min)
• Current transfer ratio: 50% (min)
Rank GB: 100% (min)
• Isolation voltage: 3750Vrms (min)
• Operation Temperature:-55 to 110 ˚C
• Safety Standards
UL recognized: UL1577, File No. E67349
cUL recognized: CSA Component Acceptance Service No. 5A
File No.E67349
• BSI approved: BS EN60065:2002, certificate No.8285
BS EN60950-1:2006 certificate No.8286
Option (V4) type
VDE approved : EN60747-5-2
Maximum Operating Insuration Voltage: 565 Vpk
Highest Permissible Overvoltage: 6000 Vpk
(Note) : When a EN60747-5-2 approved type is needed,
Please designate “Option(V4)”
Pin Configuration (top view)
6
1: Anode
3: Cathode
4: Emitter
6: Collector
4
1
3
Unit in mm
TOSHIBA
11−4C1
Weight: 0.09 g (Typ.)


Similar Part No. - TLP181

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP181 TOSHIBA-TLP181 Datasheet
359Kb / 8P
GaAs IRED and PHOTO-TRANSISTOR
TLP181 TOSHIBA-TLP181 Datasheet
152Kb / 9P
GaAs Ired and Photo−Transistor
TLP181 TOSHIBA-TLP181 Datasheet
173Kb / 9P
Photocoupler GaAs Ired & Photo−Transistor
TLP181 TOSHIBA-TLP181 Datasheet
209Kb / 9P
Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP181 TOSHIBA-TLP181 Datasheet
209Kb / 9P
Office Machine Programmable Controllers AC Adapter I/O Interface Board
More results

Similar Description - TLP181

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP741G TOSHIBA-TLP741G Datasheet
507Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Thyristor
TLP525G TOSHIBA-TLP525G Datasheet
578Kb / 6P
TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP3064 TOSHIBA-TLP3064 Datasheet
169Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP176A TOSHIBA-TLP176A Datasheet
273Kb / 6P
TOSHIBA PHOTOCOUPLER GAAS IRED & PHOTO MOSFET
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP284 TOSHIBA-TLP284 Datasheet
390Kb / 16P
TOSHIBA Photocoupler GaAs Ired & Photo?뭈ransistor
TLP127TPRUF TOSHIBA-TLP127TPRUF Datasheet
164Kb / 8P
TOSHIBA Photocoupler GaAs Ired & Photo?뭈ransistor
TLP504A-2GB TOSHIBA-TLP504A-2GB Datasheet
210Kb / 8P
TOSHIBA Photocoupler GaAs Ired & Photo?뭈ransistor
TLP280GB-TPF TOSHIBA-TLP280GB-TPF Datasheet
210Kb / 9P
TOSHIBA Photocoupler GaAs Ired Photo?뭈ransistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com