Electronic Components Datasheet Search
  English  ▼

X  

MSA-0504 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # MSA-0504
Description  Cascadable Silicon Bipolar MMIC Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

MSA-0504 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  MSA-0504 Datasheet HTML 1Page - Agilent(Hewlett-Packard) MSA-0504 Datasheet HTML 2Page - Agilent(Hewlett-Packard) MSA-0504 Datasheet HTML 3Page - Agilent(Hewlett-Packard) MSA-0504 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
6-351
MSA-0504 Absolute Maximum Ratings
Parameter
Absolute Maximum[1]
Device Current
135 mA
Power Dissipation[2,3]
1.5 W
RF Input Power
+25dBm
Junction Temperature
200
°C
Storage Temperature
–65 to 150
°C
Thermal Resistance[2,4]:
θ
jc = 75°C/W
Notes:
1. Permanent damage may occur if
any of these limits are exceeded.
2. TCASE = 25°C.
3. Derate at 13.3 mW/
°C for T
C > 88°C.
4. See MEASUREMENTS section
“Thermal Resistance” for more
information.
P1 dB
Output Power at 1 dB Gain Compression
f = 0.5 GHz
dBm
19.0
f = 1.0 GHz
dBm
16.0
18.0
GP
Power Gain (|S21| 2)
f = 0.5 GHz
dB
7.5
f = 1.0 GHz
6.0
7.0
∆GP
Gain Flatness
f = 0.1 to 1.5 GHz
dB
± 0.75
f3 dB
3 dB Bandwidth[2]
GHz
2.3
Input VSWR
f = 0.1 to 1.5 GHz
1.6:1
Output VSWR
f = 0.1 to 1.5 GHz
2.0:1
IP3
Third Order Intercept Point
f = 1.0 GHz
dBm
29.0
NF
50
Ω Noise Figure
f = 1.0 GHz
dB
6.5
tD
Group Delay
f = 1.0 GHz
psec
180
Vd
Device Voltage
V
6.7
8.4
10.1
dV/dT
Device Voltage Temperature Coefficient
mV/
°C
–16.0
Notes:
1. The recommended operating current range for this device is 60 to 100 mA. Typical performance as a function of current
is on the following page.
2. Referenced from 0.1 GHz Gain (GP).
Electrical Specifications[1], T
A = 25°C
Symbol
Parameters and Test Conditions: I
d = 80 mA, ZO = 50 Ω
Units
Min.
Typ.
Max.
VSWR



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com