Electronic Components Datasheet Search
  English  ▼

X  

ATA6612C Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATA6612C
Description  8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6612C Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATA6612C Datasheet HTML 9Page - ATMEL Corporation ATA6612C Datasheet HTML 10Page - ATMEL Corporation ATA6612C Datasheet HTML 11Page - ATMEL Corporation ATA6612C Datasheet HTML 12Page - ATMEL Corporation ATA6612C Datasheet HTML 13Page - ATMEL Corporation ATA6612C Datasheet HTML 14Page - ATMEL Corporation ATA6612C Datasheet HTML 15Page - ATMEL Corporation ATA6612C Datasheet HTML 16Page - ATMEL Corporation ATA6612C Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 312 page
background image
13
ATA6612C/ATA6613C [DATASHEET]
9111L–AUTO–11/14
A falling edge at the LIN pin followed by a dominant bus level maintained for a certain time period (> tbus) and followed by a
rising edge at the LIN pin (see Figure 3-4) result in a remote wake-up request. The device switches from silent mode to
fail-safe mode. The remote wake-up request is indicated by a low level at the RXD pin to interrupt the microcontroller (see
Figure 3-4). EN high can be used to switch directly to normal mode.
Figure 3-4. LIN Wake-up from Silent Mode
Watchdog off
Start watchdog lead time td
Watchdog
Undervoltage detection active
Silent mode 5V
Fail safe mode 5V
Normal mode
Low
Fail-safe mode
Normal mode
EN High
Node in silent mode
High
High
NRES
EN
VCC
Voltage
Regulator
RXD
LIN Bus
Bus wake-up filtering time
tbus
TXD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com