Electronic Components Datasheet Search
  English  ▼

X  

MSA1105 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # MSA1105
Description  Cascadable Silicon Bipolar MMIC Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

MSA1105 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  MSA1105 Datasheet HTML 1Page - Agilent(Hewlett-Packard) MSA1105 Datasheet HTML 2Page - Agilent(Hewlett-Packard) MSA1105 Datasheet HTML 3Page - Agilent(Hewlett-Packard) MSA1105 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6-460
MSA-1105 Typical Scattering Parameters (ZO = 50 Ω, TA = 25°C, Id = 60 mA)
Freq.
GHz
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
Mag
Ang
k
.0005
.80
–17
19.0
8.94
171
–26.0
.050
51
.81
–16
0.53
.005
.26
–62
13.9
4.98
163
–16.8
.144
15
.26
–64
0.93
.025
.07
–48
12.8
4.36
174
–16.4
.151
4
.08
–52
1.08
.050
.06
–38
12.7
4.33
174
–16.3
.153
2
.06
–48
1.08
.100
.05
–41
12.7
4.31
170
–16.4
.152
3
.06
–52
1.09
.200
.06
–58
12.6
4.26
162
–16.2
.155
5
.08
–73
1.08
.300
.07
–74
12.4
4.19
154
–16.1
.157
7
.10
–91
1.07
.400
.09
–91
12.2
4.10
146
–15.8
.163
8
.12
–105
1.06
.500
.10
–105
12.0
4.00
138
–15.6
.166
8
.14
–116
1.05
.600
.11
–116
11.8
3.88
131
–15.4
.171
10
.17
–126
1.04
.700
.13
–128
11.5
3.76
123
–15.0
.178
11
.18
–135
1.03
.800
.15
–136
11.2
3.63
116
–14.7
.184
11
.21
–144
1.01
.900
.16
–145
10.9
3.49
109
–15.5
.188
11
.22
–151
1.01
1.000
.18
–152
10.5
3.37
102
–14.1
.197
11
.24
–159
1.00
1.500
.28
174
8.8
2.75
72
–13.2
.219
7
.31
170
1.00
2.000
.38
150
7.1
2.28
48
–12.1
.248
0
.34
151
0.99
2.500
.46
133
5.6
1.90
28
–11.9
.254
–4
.38
134
1.02
3.000
.53
118
4.2
1.62
11
–11.6
.262
–8
.40
122
1.04
A model for this device is available in the DEVICE MODELS section.
S11
S21
S12
S22
Typical Performance, TA = 25°C, ZO = 50 Ω
(unless otherwise noted)
0.1
.02
.05
0.5
1.0
2.0 3.0
FREQUENCY (GHz)
Figure 1. Typical Power Gain vs.
Frequency, Id = 60 mA.
0
2
4
6
8
10
14
12
16
Figure 3. Output Power at 1 dB Gain
Compression, Noise Figure and Power
Gain vs. Case Temperature,
f = 0.5 GHz, Id = 60 mA.
3
4
5
11
13
12
16
17
18
–25
+25
+85
TEMPERATURE (
°C)
GP
P1 dB
NF
2
0
468
Vd (V)
Figure 2. Device Current vs. Voltage.
0
20
40
60
100
80
TC = +85°C
TC = +25°C
TC = –25°C
FREQUENCY (GHz)
Figure 4. Output Power at 1 dB Gain
Compression vs. Frequency.
FREQUENCY (GHz)
Figure 5. Noise Figure vs. Frequency.
3.5
3.0
4.0
4.5
5.5
5.0
0.1
0.2 0.3
0.5
2.0
1.0
0.1
0.2 0.3
0.5
2.0
1.0
12
14
16
18
22
20
Id = 70 mA
Id = 60 mA
Id = 40 mA
ZO = 50 Ω
ZO = 75 Ω
Id= 70 mA
Id= 60 mA
Id= 40 mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com