Electronic Components Datasheet Search
  English  ▼

X  

A7985A Datasheet(PDF) 38 Page - STMicroelectronics

Part # A7985A
Description  2 A step-down switching regulator for automotive applications
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7985A Datasheet(HTML) 38 Page - STMicroelectronics

Back Button A7985A Datasheet HTML 34Page - STMicroelectronics A7985A Datasheet HTML 35Page - STMicroelectronics A7985A Datasheet HTML 36Page - STMicroelectronics A7985A Datasheet HTML 37Page - STMicroelectronics A7985A Datasheet HTML 38Page - STMicroelectronics A7985A Datasheet HTML 39Page - STMicroelectronics A7985A Datasheet HTML 40Page - STMicroelectronics A7985A Datasheet HTML 41Page - STMicroelectronics A7985A Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
Application ideas
A7985A
38/44
DocID023128 Rev 5
Figure 35. Maximum output current according to max. DC switch current (2.0 A):
VO = 12 V
Equation 44
where VD is the voltage drop across the diodes, VSW and VSWE across the internal and
external Power MOSFET.
7.2
Inverting buck-boost
The A7985A device can implement the step-up/down converter with a negative output
voltage.
Figure 34 shows the schematic to regulate -5 V: no further external components are added
to the standard buck topology.
The relationship between input and output voltage is:
Equation 45
so the duty cycle is:
Equation 46
As in the positive one, in the inverting buck-boost the current flowing through the Power
MOSFET is transferred to the load only during the OFF time. So according to the maximum
DC switch current (2.0 A), the maximum output current can be calculated from Equation 42,
where the duty cycle is given by Equation 46.
D
VOUT 2VD
+
VIN VSW VSWE VOUT 2V
D
++
–
–
--------------------------------------------------------------------------------------------
=
VOUT
VIN
–
D
1D
–
-------------
=
D
VOUT
VOUT VIN
–
------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com