Electronic Components Datasheet Search
  English  ▼

X  

SC402S Datasheet(PDF) 15 Page - 3M Electronics

Part # SC402S
Description  Formerly SC400 Serial Resistive
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

SC402S Datasheet(HTML) 15 Page - 3M Electronics

Back Button SC402S Datasheet HTML 11Page - 3M Electronics SC402S Datasheet HTML 12Page - 3M Electronics SC402S Datasheet HTML 13Page - 3M Electronics SC402S Datasheet HTML 14Page - 3M Electronics SC402S Datasheet HTML 15Page - 3M Electronics SC402S Datasheet HTML 16Page - 3M Electronics SC402S Datasheet HTML 17Page - 3M Electronics SC402S Datasheet HTML 18Page - 3M Electronics SC402S Datasheet HTML 19Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
3M™ MicroTouch™ Controller RX142 Reference Guide
15
3M Touch Systems, Inc. Proprietary Information
CHAPTER 2
RX142 Controller Communications
This chapter discusses the fundamentals of communicating with the RX142 controller.
The firmware commands, which are usually issued by a driver or utility program on the
host system, control the operation of the controller however developers can enter these
commands directly. This chapter:
• Describes the controller default settings.
• Lists the recommended firmware commands.
• Describes how to use each of these commands.
• References additional commands developers may need to use.
The description of each command includes the command syntax, the default value, how
the command works, and the expected response from the controller.
Controller Default Settings
Communication Parameters
The RX142 controller communication parameters are N81 (no parity, 8 data bits, and 1
stop bit) at 9600 baud.
Data Format
Data format refers to the type of packet the controller uses to send the X/Y touch
coordinates to the host system. Format Tablet is the format for the RX142 controller. In
Format Tablet, the controller sends 5 bytes per point and provides the most rapid
response time to a touch.
• Format Tablet is supported by all current 3M™ MicroTouch™ controllers.
• It is the standard for current 3M Touch Systems product development and is the
format used by all touch drivers written by 3M Touch Systems.
Refer to the Format Tablet command in the firmware reference section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com