Electronic Components Datasheet Search
  English  ▼

X  

PDT0412 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # PDT0412
Description  Connectorized PIN Photodiodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

PDT0412 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  PDT0412 Datasheet HTML 1Page - Agilent(Hewlett-Packard) PDT0412 Datasheet HTML 2Page - Agilent(Hewlett-Packard) PDT0412 Datasheet HTML 3Page - Agilent(Hewlett-Packard) PDT0412 Datasheet HTML 4Page - Agilent(Hewlett-Packard) PDT0412 Datasheet HTML 5Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
505
Performance Specification
Test Conditions:
Unless Otherwise Stated
PDT031X
PDT041X
Parameter
Symbol
Vr = 5 V, Tc = 25
°C
Min.
Max.
Min.
Max.
Units
Dark Current
Id
–
1
–
1
nA
Tc = 85
°C–
50
–
50
nA
Reverse Breakdown
Vbr
Ir = 10
µA35
–
35
–
V
Voltage
Capacitance
C
1 MHz
–
1.1
–
1.7
pF
Responsivity
R
λ = 1300 nm
0.7
–
0.7
–
A/ W
Operating
λ
80% points
1200
1650
1200
1650
nm
Wavelength
Rise/Fall Times
τr/τf
10% to 90%
–
0.25
–
0.5
nS
PDT Connectorized PIN Photodiode Specifications
Absolute Maximum Ratings
Absolute maximum limits mean that no catastrophic damage will occur if the product is subjected to these
ratings for short periods, provided each limiting parameter is in isolation and all other parameters have
values within the performance specification. It should not be assumed that limiting values of more than one
parameter can be applied to the product at the same time.
Parameter
Symbol
Minimum
Maximum
Units
Reverse Voltage
Vr
–
20
V
Reverse Current
Ir
–
12
mA
Forward Voltage
Vf
–
1
V
Forward Current
If
–
5
mA
Power Dissipation
–
–
50
mW
Operating Temperature
Tc
-40
85
°C
Storage Temperature
Ts
-40
85
°C
Soldering–10 seconds
–
–
260
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com