Electronic Components Datasheet Search
  English  ▼

X  

VTO-8080 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # VTO-8080
Description  Varactor-Tuned Oscillators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

VTO-8080 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  VTO-8080 Datasheet HTML 1Page - Agilent(Hewlett-Packard) VTO-8080 Datasheet HTML 2Page - Agilent(Hewlett-Packard) VTO-8080 Datasheet HTML 3Page - Agilent(Hewlett-Packard) VTO-8080 Datasheet HTML 4Page - Agilent(Hewlett-Packard) VTO-8080 Datasheet HTML 5Page - Agilent(Hewlett-Packard) VTO-8080 Datasheet HTML 6Page - Agilent(Hewlett-Packard) VTO-8080 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
9-25
Electrical and Performance Specifications
Guaranteed Specifications @ 25
°C Case Temperature (0° to +65°C Operating Temperature)
Part Number
VTO–8650
VTO–8810
VTO–8850
VTO–8950
Frequency Range, Min.
6500-8600MHz
8100–9100MHz
8500–9600MHz
9500–10500MHz
Power Output Into 50–ohm load, Min.
10 mW/+10 dBm
10 mW/+10 dBm
10 mW/+10 dBm
10 mW/+10 dBm
Power Output Variation @ 25
°C., Max.
± 1.5dB
± 1.5dB
± 1.5dB
± 1.5dB
Operating Case Temperature Range
0
°to +65°C0°to +65°C0°to +65°C0°to +65°C
Frequency Drift Over Operating
100 MHz
110 MHz
110 MHz
160 MHz
Temperature, Typ.
Pulling Figure (12 dB Return Loss), Typ.
15 MHz
8 MHz
10 MHz
20 MHz
Pushing Figure, +15 VDC Supply, Typ.
10 MHz/V
12 MHz/V
15 MHz/V
10 MHz/V
Harmonics, Below Carrier, Typ.
–20 dB
–15 dB
–25 dB
–20 dB
Spurious Output Below Carrier, Min.
–60 dB
–60 dB
–60 dB
–60 dB
Tuning Voltage
Low Frequency
2
± 1VDC
2 VDC Min.
5
± 2VDC
4
± 1VDC
High Frequency
20
± 5VDC
16 VDC Max.
13
± 5VDC
10 VDC Max.
Maximum Tuning Voltage
30 VDC
+30VDC
+30VDC
+15VDC
Tuning Port Capacitance, Nom.
26 pF
26 pF
26 pF
26 pF
Phase Noise, Single Sideband,
1 Hz Bandwldth, Typ.
50 kHz From Carrier
–80 dBc/Hz
–80 dBc/Hz
–82 dBc/Hz
–73 dBc/Hz
100 kHz From Carrier
–88 dBc/Hz
–88 dBc/Hz
–90 dBc/Hz
–80 dBc/Hz
Input Power
± 1% Regulation
Voltage, Nom.
+15VDC
+15VDC
+15VDC
+15VDC
Current, Max.
50 mA
100 mA
100 mA
100 mA
Case Style
TO–8V
TO–8V
TO–8V
TO–8V
Schematic
RF Output
Output Matching
+15 V
Resonator
Series Feedback
Tuning
Port
Capacitor
V Tune
Varactor



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com