Electronic Components Datasheet Search
  English  ▼

X  

VTO-8150 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # VTO-8150
Description  Varactor-Tuned Oscillators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

VTO-8150 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  VTO-8150 Datasheet HTML 1Page - Agilent(Hewlett-Packard) VTO-8150 Datasheet HTML 2Page - Agilent(Hewlett-Packard) VTO-8150 Datasheet HTML 3Page - Agilent(Hewlett-Packard) VTO-8150 Datasheet HTML 4Page - Agilent(Hewlett-Packard) VTO-8150 Datasheet HTML 5Page - Agilent(Hewlett-Packard) VTO-8150 Datasheet HTML 6Page - Agilent(Hewlett-Packard) VTO-8150 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
9-24
Part Number
VTO–8060
VTO–8080
VTO–8090
VTO–8150
VTO–8200
Frequency Range, Min.
600–1000MHz
800–1400MHz
900–1600MHz
1500–2500MHz
2000–3000MHz
Power Output into 50–ohm Load,Min.
20 mW/+13 dBm
20 mW/+13 dBm
20 mW/+13 dBm
10 mW/+10 dBm 10 mW/+10 dBm
Power Output Variation @ 25
°C, Max.
± 1.5dB
± 1.5dB
± 1.5dB
± 1.5dB
± 1.5dB
Operating Case Temperature Range
0
°to +65°C0°to +65°C0°to +65°C0°to +65°C0°to +65°C
Frequency Drift Over Operating
8 MHz
10 MHz
10 MHz
18 MHz
30 MHz
Temperature, Typ.
Pulling Figure (12 dB Return Loss), Typ.
25 MHz
25 MHz
25 MHz
35 MHz
35 MHz
Pushing Figure, +15 VDC Supply, Typ.
5 MHz/V
6 MHz/V
6 MHz/V
6 MHz/V
6 MHz/V
Harmonics, Below Carrier, Typ.
–15 dB
–15 dB
–15 dB
–15 dB
–18 dB
Spurious Output Below Carrier, Min.
–60 dB
–60 dB
–60 dB
–60 dB
–60 dB
Tuning Voltage
Low Frequency
3
± 1VDC
2
± 1.5VDC
2
± 1VDC
2.5
± 1VDC
2+2/–1VDC
High Frequency
40
± 8VDC
35
± 10VDC
48+8/–10VDC
47
± 8VDC
20
± 4VDC
Maximum Tuning Voltage
+60VDC
+60VDC
+60VDC
+60VDC
+45VDC
Tuning Port Capacitance, Nom.
180 pF
180 pF
180 pF
90 pF
45 pF
Phase Noise, Singie Sideband,
1 Hz Bandwidth, Typ.
50 kHz From Carrier
–110 dBc/Hz
–100 dBc/Hz
–100 dBc/Hz
–95 dBc/Hz
–95 dBc/Hz
100 kHz From Carrier
–117 dBc/Hz
–107 dBc/Hz
–107 dBc/Hz
–102 dBc/Hz
–102 dBc/Hz
Input Power
± 1% Regulation
Voltage, Nom.
+15VDC
+15VDC
+15VDC
+15VDC
+15VDC
Current, Max.
50 mA
50 mA
50 mA
50 mA
50 mA
Case Style
TO–8V
TO–8V
TO–8V
TO–8V
TO–8V
Part Number
VTO–8240
VTO-8360
VTO–8430
VTO–8580
Frequency Range, Min.
2400–3700MHz
3600–4300MHz
4300–5800MHz
5800–6600MHz
Power Output Into 50–ohm Load, Min.
10 mW/+10 dBm
10 mW/+10 dBm
10 mW/+10 dBm
5 mW/+7 dBm
Power Output Variation @25
°C., Max.
± 1.5dB
± 1.5dB
± 1.5dB
± 1.5dB
Operating Case Temperature Range
0
°to +65°C0° to +65°C0°to +65°C0°to +65°C
Frequency Drift Over Operating
30 MHz
35 MHz
60 MHz
70 MHz
Temperature, Typ.
Pulling Figure (12 dB Return Loss), Typ.
35 MHz
40 MHz
50 MHZ
70 MHz
Pushing Figure, +15 VDC Supply, Typ.
6 MHz/V
6 MHz/V
6 MHz/V
8 MHz/V
Harmonics, Below Carrier, Typ.
–18 dB
–25 dB
–25 dB
–25 dB
Spurious Output Below Carrier, Min.
–60 dB
–60 dB
–60 dB
–60 dB
Tuning Voltage
Low Frequency
2+2/–1VDC
8
± 2VDC
1.0 VDC Min
5
± 2.5VDC
High Frequency
30
± 8VDC
24
± 4VDC
20.0 VDC Max.
24+3/–5VDC
Maximum Tuning Voltage
+45VDC
+30VDC
+30VDC
+30VDC
Tuning Port Capacitance, Nom.
45 pF
45 pF
45 pF
45 pF
Phase Noise, Single Sideband,
1 Hz Bandwidth, Typ.
50 kHz From Carrier
–95 dBc/Hz
–100 dBc/Hz
–90 dBc/Hz
–85 dBc/Hz
100 kHz From Carrier
–102 dBc/Hz
–108 dBc/Hz
–97 dBc/Hz
–92 dBc/Hz
Input Power
± 1% Regulation
Voltage, Nom.
+15VDC
+15VDC
+15VDC
+15VDC
Current, Max.
50 mA
50 mA
50 mA
50 mA
Case Style
TO–8V
TO–8V
TO–8V
TO–8V
Electrical and Performance Specifications
Guaranteed Specifications @ 25
°C Case Temperature (0° to +65°C Operating Temperature)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com