Electronic Components Datasheet Search
  English  ▼

X  

MBRF60100CT Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # MBRF60100CT
Description  SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

MBRF60100CT Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  MBRF60100CT Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF60100CT Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF60100CT Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF60100CT Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF60100CT Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0861, Rev. A
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
MBRF60100CT
MBRF60100CT SCHOTTKY RECTIFIER
Applications:
•
Switching power supply
•
Converters
•
Free-Wheeling diodes
•
Reverse battery protection
Features:
•
150℃
℃
℃
℃ TJ operation
•
Center tap configuration
•
Low forward voltage drop
•
High purity, high temperature epoxy encapsulation for enhanced
mechanical strength and moisture resistance
•
High frequency operation
•
Guard ring for enhanced ruggedness and long term reliability
•
This is a Pb − Free Device
•
All SMC parts are traceable to the wafer lot
•
Additional testing can be offered upon request
OUTLINE DRAWING
Mechanical Dimensions: In mm
ITO-220AB(HD)
SYMBOL
MIN.
TYP.
MAX.
A
4.30
4.50
4.70
A1
1.10
1.30
1.50
A2
2.80
3.00
3.20
A3
2.50
2.70
2.90
b
0.50
0.60
0.75
b1
1.10
1.20
1.35
b2
1.50
1.60
1.75
b3
1.20
1.30
1.45
b4
1.60
1.70
1.85
c
0.55
0.60
0.75
D
14.80
15.00
15.20
E
9.96
10.16
10.36
e
2.55
e1
5.10
H1
6.50
6.70
6.90
L
12.70
13.20
13.70
L1
1.60
1.80
2.00
L2
0.80
1.00
1.20
L3
0.60
0.80
1.00
ΦP1(上口)
3.30
3.50
3.70
ΦP2(下口)
2.99
3.19
3.39
Q
2.50
2.70
2.90
Θ1
5°
Θ2
4°
Θ3
10°
Θ4
5°
Θ5
5°


Similar Part No. - MBRF60100CT

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
MBRF60100CT SMCDIODE-MBRF60100CT Datasheet
244Kb / 4P
MBRF60100CT SCHOTTKY RECTIFIER
Rev. C
More results

Similar Description - MBRF60100CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com