Electronic Components Datasheet Search
  English  ▼

X  

MUR520AX Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # MUR520AX
Description  ULTRAFAST PLASTIC RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

MUR520AX Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  MUR520AX Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd MUR520AX Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd MUR520AX Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd MUR520AX Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd MUR520AX Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0268, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
MUR520AX
MUR520AX ULTRAFAST PLASTIC RECTIFIER
Applications:
•
Switching Power Supply
•
Power Switching Circuits
•
General Purpose
Features:
•
Glass Passivated Die Construction
•
Ideally Suited for Automatic Assembly
•
Low Forward Voltage Drop, High Efficiency
•
Low Power Loss
•
Super Fast Recovery Time
•
Plastic Case Material has UL Flammability Classification Rating 94V-O
•
This is a Pb − Free Device
•
All SMC parts are traceable to the wafer lot
•
Additional testing can be offered upon request
Mechanical Dimensions: In Inches / mm
DO-201AD
DO-201AD


Similar Part No. - MUR520AX

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MUR520 LUGUANG-MUR520 Datasheet
173Kb / 2P
Super Fast Rectifiers
logo
GOOD-ARK Electronics
MUR520 GOOD-ARK-MUR520 Datasheet
341Kb / 7P
Product Specification
logo
Jinan Jing Heng Electro...
MUR520 JINGHENG-MUR520 Datasheet
60Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
DIYI Electronic Technol...
MUR520 DYELEC-MUR520 Datasheet
804Kb / 3P
Lead free in comply with EU RoHS
logo
SAMYANG ELECTRONICS CO....
MUR520 SAMYANG-MUR520 Datasheet
1Mb / 2P
SUPER FAST RECTIFIERS
More results

Similar Description - MUR520AX

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
31GF4 VISHAY-31GF4 Datasheet
93Kb / 4P
Ultrafast Plastic Rectifier
20-Aug-07
MUR140 VISHAY-MUR140 Datasheet
95Kb / 4P
Ultrafast Plastic Rectifier
20-Aug-07
MUR420 VISHAY-MUR420 Datasheet
93Kb / 4P
Ultrafast Plastic Rectifier
20-Aug-07
MUR440 VISHAY-MUR440 Datasheet
94Kb / 4P
Ultrafast Plastic Rectifier
20-Aug-07
31GF4 VISHAY-31GF4_09 Datasheet
67Kb / 4P
Ultrafast Plastic Rectifier
23-Oct-09
UG2F VISHAY-UG2F Datasheet
73Kb / 4P
Ultrafast Plastic Rectifier
23-Oct-09
logo
Sangdest Microelectroni...
ER3JA SMC-ER3JA Datasheet
219Kb / 6P
ULTRAFAST PLASTIC RECTIFIER
MUR530AX SMC-MUR530AX Datasheet
166Kb / 5P
ULTRAFAST PLASTIC RECTIFIER
MUR860 SMC-MUR860 Datasheet
207Kb / 5P
ULTRAFAST PLASTIC RECTIFIER
MUR860AX SMC-MUR860AX Datasheet
166Kb / 5P
ULTRAFAST PLASTIC RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com