Electronic Components Datasheet Search
  English  ▼

X  

MUR640AX Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # MUR640AX
Description  ULTRAFAST RECTIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

MUR640AX Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  MUR640AX Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd MUR640AX Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd MUR640AX Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd MUR640AX Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0143 Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
MUR640AX
MUR640AX
ULTRAFAST RECTIFIERS
Applications:
•
Switching Power Supply
•
Power Switching Circuits
•
General Purpose
Features:
•
Low forward voltage drop
•
High current capability
•
High reliability
•
High Surge Current Capability
•
Plastic Case Material has UL Flammability Classification Rating 94V-O
•
This is a Pb − Free Device
•
All SMC parts are traceable to the wafer lot
•
Additional testing can be offered upon request
Mechanical Dimensions: In Inches / mm
DO-201AD


Similar Part No. - MUR640AX

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
MUR640 GOOD-ARK-MUR640 Datasheet
365Kb / 8P
Product Specification
logo
Shanghai Shunye Electro...
MUR640CS SHUNYE-MUR640CS Datasheet
612Kb / 3P
6A GLASS PASSIVATED SUPERFAST RECTIFIER
V2.22
logo
Micro Commercial Compon...
MUR640CT MCC-MUR640CT Datasheet
92Kb / 2P
6 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
logo
Shanghai Lunsure Electr...
MUR640CT CHENYI-MUR640CT Datasheet
344Kb / 2P
6Amp super fast glass passivated rectifier 50to600 volts
logo
Kersemi Electronic Co.,...
MUR640CT KERSEMI-MUR640CT Datasheet
814Kb / 2P
6 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
More results

Similar Description - MUR640AX

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR10005CT MOTOROLA-MUR10005CT Datasheet
620Kb / 2P
ULTRAFAST RECTIFIERS
logo
Vishay Siliconix
UGF12JT VISHAY-UGF12JT Datasheet
55Kb / 3P
Ultrafast Rectifiers
30-Jul-02
logo
Motorola, Inc
MUR1650CT MOTOROLA-MUR1650CT Datasheet
314Kb / 5P
ULTRAFAST RECTIFIERS
logo
EIC discrete Semiconduc...
MUR1620CT EIC-MUR1620CT Datasheet
49Kb / 2P
ULTRAFAST RECTIFIERS
logo
Sangdest Microelectroni...
MUR460AX SMC-MUR460AX Datasheet
163Kb / 5P
ULTRAFAST RECTIFIERS
logo
Leshan Radio Company
UF4004 LRC-UF4004_15 Datasheet
201Kb / 7P
Ultrafast Rectifiers
UF4005 LRC-UF4005_15 Datasheet
201Kb / 7P
Ultrafast Rectifiers
UF5402 LRC-UF5402_15 Datasheet
195Kb / 7P
Ultrafast Rectifiers
logo
New Jersey Semi-Conduct...
MUR5005 NJSEMI-MUR5005 Datasheet
50Kb / 1P
ULTRAFAST RECTIFIERS
MUR405 NJSEMI-MUR405 Datasheet
82Kb / 1P
ULTRAFAST RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com