Electronic Components Datasheet Search
  English  ▼

X  

MUR860AX Datasheet(PDF) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # MUR860AX
Description  ULTRAFAST PLASTIC RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

MUR860AX Datasheet(HTML) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  MUR860AX Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd MUR860AX Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd MUR860AX Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd MUR860AX Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd MUR860AX Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0277, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
MUR860AX
Maximum Ratings and Electrical Characteristics @TA=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
MUR860AX
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
600
V
RMS Reverse Voltage
VR(RMS)
420
V
Average Rectified Output Current @TA = 105°C
Io
8.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
110
A
Forward Voltage (per element)
@IF = 8.0A
VFM
1.5
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
50
µA
Maximum Reverse Recovery Time (Note 1)
Trr
50
ns
Max. Voltage Rate of Change
dv/dt
10,000
V/µs
Typical Thermal Resistance Junction to Ambient
(Note 2)
RθJA
25
K/W
Max. Junction Temperature
TJ
-65 to +150
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Approximate Weight
wt
1.02
g
Case Style
DO-201AD
Note: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Mount on Cu-Pad Size 16mm×16mm on P.C.B.
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com