Electronic Components Datasheet Search
  English  ▼

X  

7204L50P Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 7204L50P
Description  First-In/First-Out Dual-Port memory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7204L50P Datasheet(HTML) 4 Page - Integrated Device Technology

  7204L50P Datasheet HTML 1Page - Integrated Device Technology 7204L50P Datasheet HTML 2Page - Integrated Device Technology 7204L50P Datasheet HTML 3Page - Integrated Device Technology 7204L50P Datasheet HTML 4Page - Integrated Device Technology 7204L50P Datasheet HTML 5Page - Integrated Device Technology 7204L50P Datasheet HTML 6Page - Integrated Device Technology 7204L50P Datasheet HTML 7Page - Integrated Device Technology 7204L50P Datasheet HTML 8Page - Integrated Device Technology 7204L50P Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
COMMERCIAL,INDUSTRIALANDMILITARY
TEMPERATURERANGES
IDT7203/7204/7205/7206/7207/7208 CMOS ASYNCHRONOUS FIFO
2,048 x 9, 4,096 x 9, 8,192 x 9, 16,384 x 9, 32,768 x 9, 65,536 x 9
Commercial
Com'l & Ind'l
Com'l & Military
Commercial
Com'l & Ind'l
IDT7203L12
IDT7203L15(2)
IDT7203L20
IDT7208L20
IDT7203L25(2)
IDT7204L12
IDT7204L15(2)
IDT7204L20
IDT7204L25(2)
IDT7205L12
IDT7205L15
IDT7205L20
IDT7205L25(3)
IDT7206L15
IDT7206L20
IDT7206L25(3)
IDT7207L15
IDT7207L20
IDT7207L25(3)
IDT7208L25(3)
Symbol
Parameters
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
fS
Shift Frequency
—
50
—
40
—
33.3
—
33.3
—
28.5
MHz
tRC
Read Cycle Time
20
—
25
—
30
—
30
—
35
—
ns
tA
Access Time
—
12
—
15
—
20
—
20
—
25
ns
tRR
Read Recovery Time
8
—
10
—
10
—
10
—
10
—
ns
tRPW
Read Pulse Width(4)
12
—
15
—
20
—
20
—
25
—
ns
tRLZ
Read LOW to Data Bus LOW(5)
3—
5
—
5—
5—
5—
ns
tWLZ
Write HIGH to Data Bus Low-Z(5,6)
3—
5
—
5—
5—
5—
ns
tDV
Data Valid from Read HIGH
5
—
5
—
5
—
5
—
5
—
ns
tRHZ
Read HIGH to Data Bus High-Z(5)
—
12
—
15
—
15
—
15
—
18
ns
tWC
Write Cycle Time
20
—
25
—
30
—
30
—
35
—
ns
tWPW
Write Pulse Width(4)
12
—
15
—
20
—
20
—
25
—
ns
tWR
Write Recovery Time
8
—
10
—
10
—
10
—
10
—
ns
tDS
DataSet-upTime
9
—
11
—
12
—
12
—
15
—
ns
tDH
Data Hold Time
0
—
0
—
0
—
0
—
0
—
ns
tRSC
Reset Cycle Time
20
—
25
—
30
—
30
—
35
—
ns
tRS
Reset Pulse Width(4)
12
—
15
—
20
—
20
—
25
—
ns
tRSS
Reset Set-up Time(5)
12
—
15
—
20
—
20
—
25
—
ns
tRTR
Reset Recovery Time
8
—
10
—
10
—
10
—
10
—
ns
tRTC
Retransmit Cycle Time
20
—
25
—
30
—
30
—
35
—
ns
tRT
Retransmit Pulse Width(4)
12
—
15
—
20
—
20
—
25
—
ns
tRTS
RetransmitSet-upTime(5)
12
—
15
—
20
—
20
—
25
—
ns
tRTR
Retransmit Recovery Time
8
—
10
—
10
—
10
—
10
—
ns
tEFL
Reset to
EF LOW
—
12
—
25
—
30
—
30
—
35
ns
tHFH, tFFH
Reset to
HF and FF HIGH
—
17
—
25
—
30
—
30
—
35
ns
tRTF
Retransmit LOW to Flags Valid
—
20
—
25
—
30
—
30
—
35
ns
tREF
Read LOW to
EF LOW
—
12
—
15
—
20
—
20
—
25
ns
tRFF
Read HIGH to
FF HIGH
—
14
—
15
—
20
—
20
—
25
ns
tRPE
Read Pulse Width after
EF HIGH
12
—
15
—
20
—
20
—
25
—
ns
tWEF
Write HIGH to
EF HIGH
—
12
—
15
—
20
—
20
—
25
ns
tWFF
Write LOW to
FF LOW
—
14
—
15
—
20
—
20
—
25
ns
tWHF
Write LOW to
HF Flag LOW
—
17
—
25
—
30
—
30
—
35
ns
tRHF
Read HIGH to
HF Flag HIGH
—
17
—
25
—
30
—
30
—
35
ns
tWPF
Write Pulse Width after
FF HIGH
12
—
15
—
20
—
20
—
25
—
ns
tXOL
Read/Write LOW to
XO LOW
—
12
—
15
—
20
—
20
—
25
ns
tXOH
Read/Write HIGH to
XO HIGH
—
12
—
15
—
20
—
20
—
25
ns
tXI
XI Pulse Width(4)
12
—
15
—
20
—
20
—
25
—
ns
tXIR
XI Recovery Time
8
—
10
—
10
—
10
—
10
—
ns
tXIS
XISet-up Time
8
—
10
—
10
—
10
—
10
—
ns
AC ELECTRICAL CHARACTERISTICS(1)
(Commercial: VCC = 5V ± 10%, TA = 0
°C to +70°C; Industrial: VCC = 5V ± 10%, TA = –40°C to +85°C; Military: VCC = 5V ± 10%, TA = –55°C to +125°C)
NOTES:
1. Timings referenced as in AC Test Conditions.
2. Industrial temperature range product for 15ns and 25ns speed grades are available as a standard device.
3. Industrial temperature range product for 25ns speed grade only is available as a standard device. All other speed grades are available by special order.
4. Pulse widths less than minimum are not allowed.
5. Values guaranteed by design, not currently tested.
6. Only applies to read data flow-through mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com