Electronic Components Datasheet Search
  English  ▼

X  

ATA664251 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATA664251
Description  16K Flash Microcontroller with LIN Transceiver
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA664251 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATA664251 Datasheet HTML 1Page - ATMEL Corporation ATA664251 Datasheet HTML 2Page - ATMEL Corporation ATA664251 Datasheet HTML 3Page - ATMEL Corporation ATA664251 Datasheet HTML 4Page - ATMEL Corporation ATA664251 Datasheet HTML 5Page - ATMEL Corporation ATA664251 Datasheet HTML 6Page - ATMEL Corporation ATA664251 Datasheet HTML 7Page - ATMEL Corporation ATA664251 Datasheet HTML 8Page - ATMEL Corporation ATA664251 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 290 page
background image
ATA664251 [DATASHEET]
9269E–AUTO–06/14
2
1.
Description
Atmel® ATA664251 is a system-in-package (SiP) product, which is especially well suited for complete LIN-bus node
applications. It is designed specifically for LIN switch applications and includes nearly the entire LIN node. The Atmel
ATA664251 consists of two ICs in one package supporting highly integrated solutions for in-vehicle LIN networks. The first
chip is the Atmel ATA664151 LIN system basis chip (LIN-SBC), which has an integrated LIN transceiver, a 5V regulator
(80mA), a window watchdog, an 8-channel high-voltage switch interface with high-voltage current sources and a 16-bit SPI
for configuration and diagnosis.
The second chip is an automotive microcontroller from the AVR® 8-bit microcontroller series from Atmel with advanced RISC
architecture and the Atmel ATtiny167 with 16-Kbyte flash memory.
All pins of the LIN-SBC as well as all pins of the AVR microcontroller are bonded out to provide customers the same flexibility
for their applications they are accustomed to when using discrete parts.
In Section 2. “Pin Configuration” on page 3 contains the pin configuration for the complete SiP. The Section 4. “LIN System
Basis Chip (LIN-SBC) Block” on page 7 describes the LIN-SBC, and Section 5. “AVR Microcontroller Block” on page 45
describes the AVR microcontroller.
Figure 1-1. Application Diagram
MCU
Atmel
ATtiny 167
Atmel ATA664251
LIN-SBC
Atmel
ATA664151
LIN-bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com