Electronic Components Datasheet Search
  English  ▼

X  

ICS8761I Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS8761I
Description  LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8761I Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS8761I Datasheet HTML 2Page - Integrated Device Technology ICS8761I Datasheet HTML 3Page - Integrated Device Technology ICS8761I Datasheet HTML 4Page - Integrated Device Technology ICS8761I Datasheet HTML 5Page - Integrated Device Technology ICS8761I Datasheet HTML 6Page - Integrated Device Technology ICS8761I Datasheet HTML 7Page - Integrated Device Technology ICS8761I Datasheet HTML 8Page - Integrated Device Technology ICS8761I Datasheet HTML 9Page - Integrated Device Technology ICS8761I Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
8761CYI
www.idt.com
REV. C JULY 27, 2010
6
ICS8761I
LOW VOLTAGE, LOW SKEW,
PCI / PCI-X CLOCK GENERATOR
TABLE 4B. LVCMOS/LVTTL DC CHARACTERISTICS, V
DD = VDDA = 3.3V±5%, VDDOX = 3.3V±5%
OR
2.5V±5%,
TA = -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
t
u
p
n
I
e
g
a
t
l
o
V
h
g
i
H
,
R
M
,
L
E
S
_
L
A
T
X
,
D
E
O
:
A
E
O
,
N
I
_
B
F
,
x
B
L
E
S
_
D
,
x
A
L
E
S
_
D
,
L
E
S
_
L
L
P
,
x
D
L
E
S
_
D
,
x
C
L
E
S
_
D
1
L
E
S
_
V
I
D
B
F
,
0
L
E
S
_
V
I
D
B
F
2V
D
D
3
.
0
+V
K
L
C
_
F
E
R2
V
D
D
3
.
0
+V
V
L
I
t
u
p
n
I
e
g
a
t
l
o
V
w
o
L
,
R
M
,
L
E
S
_
L
A
T
X
,
D
E
O
:
A
E
O
,
N
I
_
B
F
,
x
B
L
E
S
_
D
,
x
A
L
E
S
_
D
,
L
E
S
_
L
L
P
,
x
D
L
E
S
_
D
,
x
C
L
E
S
_
D
1
L
E
S
_
V
I
D
B
F
,
0
L
E
S
_
V
I
D
B
F
3
.
0
-8
.
0V
K
L
C
_
F
E
R3
.
0
-3
.
1V
I
H
I
t
u
p
n
I
t
n
e
r
r
u
C
h
g
i
H
,
N
I
_
B
F
,
x
B
L
E
S
_
D
,
x
A
L
E
S
_
D
,
x
D
L
E
S
_
D
,
x
C
L
E
S
_
D
,
R
M
1
L
E
S
_
V
I
D
B
F
,
K
L
C
_
F
E
R
V
D
D
=V
N
I
V
5
6
4
.
3
=
V
5
2
6
.
2
r
o
0
5
1A
µ
,
L
E
S
_
L
L
P
,
L
E
S
_
L
A
T
X
D
E
O
:
A
E
O
,
0
L
E
S
_
V
I
D
B
F
V
D
D
=V
N
I
V
5
6
4
.
3
=
V
5
2
6
.
2
r
o
5A
µ
I
L
I
t
u
p
n
I
t
n
e
r
r
u
C
w
o
L
,
N
I
_
B
F
,
x
B
L
E
S
_
D
,
x
A
L
E
S
_
D
,
x
D
L
E
S
_
D
,
x
C
L
E
S
_
D
,
R
M
1
L
E
S
_
V
I
D
B
F
,
K
L
C
_
F
E
R
V
D
D
=r
o
V
5
6
4
.
3
V
,
V
5
2
6
.
2
N
I
V
0
=
5
-A
µ
,
L
E
S
_
L
L
P
,
L
E
S
_
L
A
T
X
D
E
O
:
A
E
O
,
0
L
E
S
_
V
I
D
B
F
V
D
D
=r
o
V
5
6
4
.
3
V
,
V
5
2
6
.
2
N
I
V
0
=
0
5
1
-A
µ
V
H
O
1
E
T
O
N
;
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
V
x
O
D
D
=V
5
6
4
.
36
.
2V
V
x
O
D
D
V
5
2
6
.
2
=8
.
1
V
L
O
1
E
T
O
N
;
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
V
x
O
D
D
r
o
V
5
6
4
.
3
=
V
5
2
6
.
2
5
.
0V
I
L
Z
O
w
o
L
t
n
e
r
r
u
C
e
t
a
t
s
i
r
T
t
u
p
t
u
O
5
-A
µ
I
H
Z
O
h
g
i
H
t
n
e
r
r
u
C
e
t
a
t
s
i
r
T
t
u
p
t
u
O
5A
µ
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
:
1
E
T
O
N
Ω
V
o
t
x
O
D
D
,
n
o
i
t
c
e
s
n
o
i
t
a
m
r
o
f
n
I
t
n
e
m
e
r
u
s
a
e
M
r
e
t
e
m
a
r
a
P
e
e
S
.
2
/
.
"
t
i
u
c
r
i
C
t
s
e
T
d
a
o
L
t
u
p
t
u
O
"
TABLE 5. CRYSTAL CHARACTERISTICS
TABLE 6. PLL INPUT REFERENCE CHARACTERISTICS, V
DD = VDDA = VDDOX = 3.3V±5%, T
A
= -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
F
E
R
y
c
n
e
u
q
e
r
F
e
c
n
e
r
e
f
e
R5
.
2
13
3
.
3
8z
H
M
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
n
o
i
t
a
ll
i
c
s
O
f
o
e
d
o
M
l
a
t
n
e
m
a
d
n
u
F
y
c
n
e
u
q
e
r
F
0
18
3z
H
M
)
R
S
E
(
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
S
t
n
e
l
a
v
i
u
q
E
0
7
Ω
e
c
n
a
t
i
c
a
p
a
C
t
n
u
h
S
7F
p
l
e
v
e
L
e
v
i
r
D
1W
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com