Electronic Components Datasheet Search
  English  ▼

X  

H2N5366 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # H2N5366
Description  PNP EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H2N5366 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  H2N5366 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H2N5366 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H2N5366 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6275-A
Issued Date : 1999.02.01
Revised Date : 2000.09.15
Page No. : 1/3
HSMC Product Specification
H2N5366
PNP EPITAXIAL PLANAR TRANSISTOR
Description
The H2N5366 is designed for general purpose applications requiring
high breakdown voltages.
Features
• This device was designed for use as general purpose amplifier and switches.
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ............................................................................................ -55 ~ +150
°C
Junction Temperature ................................................................................... +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) ............................................................................... 400 mW
• Maximum Voltages and Currents (Ta=25°C)
VCBO Collector to Base Voltage ....................................................................................... -40 V
VCEO Collector to Emitter Voltage .................................................................................... -40 V
VEBO Emitter to Base Voltage ............................................................................................ -4 V
IC Collector Current ...................................................................................................... -500 mA
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-40
-
-
V
IC=-100uA, IE=0
BVCEO
-40
-
-
V
IC=-1mA, IB=0
BVEBO
-4
-
-
V
IE=-10uA, IC=0
ICBO
-
-
-100
nA
VCB=-45V, IE=0
IEBO
-
-
-100
nA
VEB=-3V. IC=0
*VCE(sat)1
-
-
-250
mV
IC=-50mA, IB=-5mA
*VCE(sat)2
-
-
-1
V
IC=-300mA, IB=-30mA
*VBE(sat)1
-
-
-1.1
V
IC=-50mA, IB=-5mA
*VBE(sat)2
-
-
-2
V
IC=-300mA, IB=-30mA
*hFE1
80
-
-
VCE=-1V, IC=-2mA
*hFE2
100
-
-
VCE=-1V, IC=-50mA
*hFE3
40
-
-
VCE=-5V, IC=-300mA
fT
-
-
-
MHz
VCE=-10V, IC=-10mA, f=100MHz
Cob
-
-
10
PF
VCB=-10V, f=1MHz
*Pulse Test : Pulse Width
≤380us, Duty Cycle≤2%


Similar Part No. - H2N5366

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H2N5087 HSMC-H2N5087 Datasheet
39Kb / 4P
PNP EPITAXIAL PLANAR TRANSISTOR
H2N5088 HSMC-H2N5088 Datasheet
35Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
H2N5089 HSMC-H2N5089 Datasheet
35Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
H2N5401 HSMC-H2N5401 Datasheet
38Kb / 4P
PNP EPITAXIAL PLANAR TRANSISTOR
H2N5551 HSMC-H2N5551 Datasheet
37Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - H2N5366

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM1426 GTM-GM1426 Datasheet
173Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM2907A GTM-GM2907A Datasheet
214Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBT1132 GTM-GMBT1132 Datasheet
257Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com