Electronic Components Datasheet Search
  English  ▼

X  

H2N7002 Datasheet(PDF) 2 Page - Hi-Sincerity Mocroelectronics

Part # H2N7002
Description  N-CHANNEL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H2N7002 Datasheet(HTML) 2 Page - Hi-Sincerity Mocroelectronics

  H2N7002 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H2N7002 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H2N7002 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H2N7002 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6823
Issued Date : 1994.01.25
Revised Date : 2002.10.24
Page No. : 2/4
H2N7002
HSMC Product Specification
Characteristics Curve
Output Characteristics
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
02
4
6
8
10
VDS(V)
VGS=10V
9V 8V
7V
6V
5V
4V
3V
Transfer Characteristics
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
02
46
8
10
12
VGS(V)
TJ=-55ºC
Tj=25ºC
Tj=150ºC
VDS=10V
Typical Transconductance
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0
0.2
0.4
0.6
0.8
1
ID(A)
Tj=-55ºC
Tj=25ºC
Tj=150ºC
VDS=7V
On-resistance versus Drain Current
0
2
4
6
8
10
0
0.2
0.4
0.6
0.8
1
ID(A)
VGS=4V
VGS=6V
VGS=8V
VGS=10V
Capacitance
0
10
20
30
40
50
60
70
0
102030
40
50
VDS(V)
Ciss
Coss
Crss
On-Resistance Variation With Temperature
0
0.5
1
1.5
2
2.5
-50
0
50
100
150
Tj Junction Temperature
VGS=10V
ID=0.5A
Breakdown Voltage Variation With Temperature
0.6
0.7
0.8
0.9
1
1.1
1.2
-50
0
50
100
150
Tj Junction Temperature
VGS=0
ID=0.25mA
Source-Drain Diode Forward Voltage
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
0.2
0.4
0.6
0.8
1
1.2
1.4
VSD(V)
Tj=150ºC
Tj=25ºC
Tj=-55ºC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com