Electronic Components Datasheet Search
  English  ▼

X  

H31002P Datasheet(PDF) 2 Page - Hi-Sincerity Mocroelectronics

Part # H31002P
Description  BIPOLAR TONE RINGER ICS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H31002P Datasheet(HTML) 2 Page - Hi-Sincerity Mocroelectronics

  H31002P Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H31002P Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H31002P Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H31002P Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : Preliminary Data
Issued Date : 1998.08.01
Revised Date : 1999.06.01
Page No. : 2/4
HSMC Product Specification
Pin Connections
Pin1 : Vcc
Pin5 : Gnd
Pin2 : RSL Trigger In
Pin6 : High Freq. Time Constant.
Pin3 : Low Freq. Time Constant.
Pin7 : High Freq. Time Constant.
12
3
4
5
6
7
8
Pin4 : Low Freq. Time Constant.
Pin8 : Output
Electrical Characteristics
Characteristics
Symbol
Test Condition
Min. Typ. Max. Unit
Operating Voltage
Vopr
--
29
V
Initiation Supply Voltage
Vsi
(Note 1)
17
19
21
V
Sustaining Supply Voltage
Vsus
(Note 2)
10.5
12
-
V
Initiation Current Consumption
Isi
No Load
1.4
3.3
4.2
mA
Sustaining Current Consumption
Isus
0.4
1.4
2.0
mA
fL
C1=0.47uF, R1=165k
Ω
910
11
fH1
461
512
563
Oscillator Frequency
fH2
C1=6800pF, R2=191k
Ω
576
640
703
Hz
"H" Level
VOH
Vcc=24V, IOH =-10mA,
Pin 7=Gnd
20
21.5 22.5
V
Output Voltage
"L" Level
VOL
Vcc=24V, IOL=10mA,
Pin 7=7V
0.7
1.0
2.0
V
Note 1 : Initiation Supply Voltage (Vsi) is a supply voltage required to start oscillation of the tone ringer.
Note 2 : Sustaining Supply Voltage (Vsus) is a supply voltage required to maintain oscillation of the tone ringer .
Note 3 : Oscillation frequency is determined by the following equations (1), (2) and (3) :
(1)fL=1/1.234, R1, C1 (Hz) (2) fH1=1/1.515, R2, C2 (Hz) (3) fH2=1.24 fH1 (Hz)
Method Of Using Rsl
In the H31002P, using the RSL terminal can change the initiation supply current (Isi). The
resistor RSL is connected to Gnd from Pin 2 as shown in Fig.3.
Further, the initiation supply current (Isi) can be changing the value of RSL. Fig.4 shows the
graph of Vs-Is characteristic at the time when RSL has been changed to three values. The Vs-Is
characteristic at the time when RSL=6.8 k
Ω coincides with that at the time when Pin 2 of the
H31002P has been used at an open state. If Pin 7 is connected to Gnd as shown in Fig. 5, the
H31002P can stop oscillation. (the “L” level voltage is under 2V)
Cur r ent Consupmpt i on( mA)
1. RSL=1. 3K 2. RSL=3. 3K 3. RSL=6. 8K
|
|
|
|
|
|
1
3
|
|
|
|
|
|
Vs us
Vs i
0
1
2
3
4
5
6
7
8
0
102030
Suppl y Vol t age ( v )
2
Fig.4
Fig.5
Internal IC
Pin 7
HF1
Fig.3
H31002P
1
2
5
RSL
Gnd
Vs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com