Electronic Components Datasheet Search
  English  ▼

X  

H34063AP Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # H34063AP
Description  DC-TO-DC Converter Integrate Circuit Devices
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H34063AP Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  H34063AP Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H34063AP Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H34063AP Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H34063AP Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H34063AP Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics H34063AP Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : Preliminary Data
Issued Date : 1998.08.01
Revised Date : 1999.06.01
Page No. : 1/6
HSMC Product Specification
H34063AP
DC-TO-DC CONVERTER INTEGRATE CIRCUIT DEVICES
Description
The H34063AP Series is a monolithic control circuit containing the
primary functions required for DC-to-DC converters. These devices
consist of an internal temperature compensated reference,
comparator, controlled duty cycle oscillator with an active current
limit circuit, driver and high current output switch. This series was
specifically by Hi-Sincerity Microelectronics Corp.
Features
• 3V to 40V Input Voltage Operation
• Internal 1.6A Peak Current Switch
• Internal ±1.8% Reference
• Low Quiescent Current at 1.6mA
• Frequency Operation from 100Hz~100KHz
• Current Limiting
Applications
• Saver for Cellular Phone
• DC-DC Converter Module
Typical Application Circuit
1
8
2
3
4
5
6
7
Fig1.Saver Circuit for Cellular Phone
Vin
Vout
Cout
220
µF
D1
H1N5819
CT
470
ρF
RSC
C1
100
µF
RA
5.6k
Ω
RB
33k
Ω
200
µH
L1
H34063AP


Similar Part No. - H34063AP

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H34063AP HSMC-H34063AP Datasheet
72Kb / 7P
DC-TO-DC CONVERTER INTEGRATE CIRCUIT DEVICES
More results

Similar Description - H34063AP

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS34063 ADMOS-AMS34063 Datasheet
69Kb / 7P
DC-TO-DC CONVERTER CONTROL CIRCUIT
AMS36063 ADMOS-AMS36063 Datasheet
37Kb / 4P
DC-TO-DC CONVERTER CONTROL CIRCUIT
logo
Hi-Sincerity Mocroelect...
H34063AS HSMC-H34063AS Datasheet
57Kb / 6P
DC-TO-DC Converter Integrate Circuit Devices?
logo
List of Unclassifed Man...
AX34063AP ETC-AX34063AP Datasheet
183Kb / 7P
DC-to-DC Converter Integrate Circuit Devices
logo
Hi-Sincerity Mocroelect...
H34063A HSMC-H34063A Datasheet
72Kb / 7P
DC-TO-DC CONVERTER INTEGRATE CIRCUIT DEVICES
logo
Minilogic Device Corpor...
ML34063 MINILOGIC-ML34063 Datasheet
104Kb / 5P
DC-to-DC Converter Control Circuit
logo
Seaward Electronics Inc...
SE34063 SEAWARD-SE34063 Datasheet
113Kb / 5P
DC-to-DC Converter Control Circuit
logo
Cystech Electonics Corp...
MC34063AQ8 CYSTEKEC-MC34063AQ8 Datasheet
220Kb / 7P
DC-to-DC Converter Control Circuit
logo
Hi-Sincerity Mocroelect...
H34063B HSMC-H34063B Datasheet
182Kb / 7P
DC-to-DC Converter Integrate Circuit Devices
logo
Cystech Electonics Corp...
LM34063AQ8 CYSTEKEC-LM34063AQ8 Datasheet
301Kb / 9P
DC-to-DC Converter Control Circuit
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com