Electronic Components Datasheet Search
  English  ▼

X  

H431AM Datasheet(PDF) 3 Page - Hi-Sincerity Mocroelectronics

Part # H431AM
Description  AJDUSTABLE SHUNT REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H431AM Datasheet(HTML) 3 Page - Hi-Sincerity Mocroelectronics

  H431AM Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H431AM Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H431AM Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H431AM Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : Preliminary Data
Issued Date : 1998.04.08
Revised Date : 2001.02.15
Page No. : 3/4
H431AM, H431BM, H431CM
HSMC Product Specification
Characteristics Curve
Cathode Current & Cathode Voltage
-100
-75
-50
-25
0
25
50
75
100
125
150
-3
-2
-1
0
1
2
3
4
Cathode Voltage (V)
VKA=Vref
TA=25ºC
Change in Reference Input Voltage
& Cathode Voltage
-40
-35
-30
-25
-20
-15
-10
-5
0
0
1020
304050
Cathode Voltage (V)
IK=10m
TA=25ºC
Dynamic Impedance & Frequence
0.1
1
10
100
1
10
100
1000
10000
Frequency (Hz)
IK=10mA to 100mA
TA=25ºC
Cathode Current & Cathode Voltage
-400
-200
0
200
400
600
800
1000
-2
-1
0
1
2
3
Cathode Voltage (V)
VKA=Vref
TA=25ºC
Noise Voltage & Frequency
1
10
100
10
100
1000
10000
100000
Frequency (Hz)
VKA=Vref
IK=10mA
TA=25ºC
Small Signal Voltage Amplification
& Frequency
1
10
100
1000
10000
100000
1000000
10000000
Frequency (Hz)
IK=10mA
TA=25ºC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com