Electronic Components Datasheet Search
  English  ▼

X  

H431BA Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # H431BA
Description  AJDUSTABLE SHUNT REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H431BA Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  H431BA Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H431BA Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H431BA Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H431BA Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HA200216
Issued Date : 1998.04.08
Revised Date : 2002.08.27
Page No. : 1/4
H431AA, H431BA, H431CA
HSMC Product Specification
H431AA/BA/CA
AJDUSTABLE SHUNT REGULATOR
Description
The H431 series are three-terminal adjustable regulators with guara-
nteed thermal stability over applicable temperature ranges. The out-
put voltage may be set to any value between VREF (approximately
2.495 volts) and 36 volts with two external resistors. These devices
have a typical dynamic output impedance of 0.2
Ω. Active output circ-
uitry provides a very sharp turn-on characteristic, making these devices excellent replacement for
zener diodes in many applications.
Features
• Programmable output voltage
• Temperature coefficient is 50ppm/°C typical
• Temperature compensated for operation over
• full temperature range
• Low output noise voltage
• Fast turn on response
Classification
Rank
A
B
C
VREF
2.495
±2%
2.495
±1%
2.495
±0.5%
Absolute Maximum Ratings
(Operating temperature range applies unless otherwise specified)
Characteristics
Symbol
Value
Unit
Cathode Voltage
VKA
37
V
Cathode Current Range (Continuous)
IK
-100~+150
mA
Reference Input Current Range
IREF
0.05~+10
mA
Power Dissipation
PD
770
mW
Operating Temperature Range
Topr
0~+70
°C
Storage Temperature Range
Tstg
-65~+150
°C
TO-92


Similar Part No. - H431BA

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H431BM HSMC-H431BM Datasheet
44Kb / 4P
AJDUSTABLE SHUNT REGULATOR
More results

Similar Description - H431BA

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H431AM HSMC-H431AM Datasheet
44Kb / 4P
AJDUSTABLE SHUNT REGULATOR
logo
Hitachi Semiconductor
HA17431H HITACHI-HA17431H Datasheet
146Kb / 15P
Shunt Regulator
logo
List of Unclassifed Man...
LM431L ETC2-LM431L Datasheet
754Kb / 13P
Shunt Regulator
logo
Renesas Technology Corp
HA17431VPJ RENESAS-HA17431VPJ Datasheet
326Kb / 18P
Shunt Regulator
logo
TAITRON Components Inco...
LM431 TAITRON-LM431 Datasheet
768Kb / 14P
Shunt Regulator
LM431L TAITRON-LM431L Datasheet
754Kb / 13P
Shunt Regulator
logo
Renesas Technology Corp
HA17L431 RENESAS-HA17L431 Datasheet
130Kb / 10P
Shunt Regulator
HA17431H RENESAS-HA17431H Datasheet
96Kb / 7P
Shunt Regulator
HA17431 RENESAS-HA17431_15 Datasheet
323Kb / 21P
Shunt Regulator
HA17431H RENESAS-HA17431H_15 Datasheet
186Kb / 8P
Shunt Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com