Electronic Components Datasheet Search
  English  ▼

X  

H431 Datasheet(PDF) 2 Page - Hi-Sincerity Mocroelectronics

Part # H431
Description  AJDUSTABLE SHUNT REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H431 Datasheet(HTML) 2 Page - Hi-Sincerity Mocroelectronics

  H431 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H431 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H431 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H431 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HA200216
Issued Date : 1998.04.08
Revised Date : 2002.08.27
Page No. : 2/4
H431AA, H431BA, H431CA
HSMC Product Specification
Functional Block Diagram & Symbol
Test Circuits
Electrical Characteristics ( Ta=25
°C unless otherwise specified )
Characteristics
Symbol
Test Conditions
Min
Typ
Max
Unit
H431AA
2.445 2.495 2.545
H431BA
2.470 2.495 2.520
Reference Input Voltage
H431CA
V
REF
V
KA=VREF, IK=10mA
2.480 2.495 2.510
V
Deviation of Reference Input Voltage
Over-Temperature
V
REF(dev)
V
KA=VREF, IK=10mA
T
min≤Ta≤Tmax
-4
17
mV
I
K=10mA,
∆V
KA=10V-VREF
-
-1.4
-2.7
mV
Ratio of Change in Reference Input
Voltage to the Change in Cathode
Voltage
∆V
REF /
∆V
KA
I
K=10mA,
∆K
KA=36V-10V
-
-1.0
-2.0
V
Reference Input Current
I
REF
I
K=10mA, R1=10kΩ,
R
2=∞
-2
4
uA
Deviation of Reference Input Current
Over Full Temperature Range
I
REF(dev)
I
K=10mA, R1=10kΩ,
R
2=∞, Ta=Full Range
-0.4
1.2
uA
Minimum Cathode Current for
Regulation
I
K(min)
V
KA=VREF
-0.4
1.0
mA
Off-State Cathode Current
I
K(off)
V
KA=36V, VREF=0
-
0.1
1.0
uA
Dynamic impedance
Z
KA
V
KA=VREF, f≤1.0KHz
I
K=1 to 100mA
-0.2
0.5
Ω
Functional Block Diagram :
Symbol :
Cathode
Reference
Anode
Cathode
VREF
+
-
Reference
Anode
IN
VZ
II
IREF
VREF
IZ
R1
Fig1. Test Circuit for VZ=VREF
II
VZ
IN
IREF
IZ
R2
VREF
Fig 2. Test Circuit for VZ>VREF
Note : VZ=VREF(1+R1/R2)+IREFxR1
IN
VZ
Fig3. Test Circuit for Off-State
Current



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com