Electronic Components Datasheet Search
  English  ▼

X  

H7809 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # H7809
Description  3-TERMINAL POSITIVE VOLTAGE REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H7809 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  H7809 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H7809 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H7809 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HA200110
Issued Date : 1998.08.01
Revised Date : 2000.11.29
Page No. : 1/3
H7809AA, 7809BA
HSMC Product Specification
H7809AA
H7809BA
3-TERMINAL POSITIVE VOLTAGE REGULATOR
Description
These regulators employ internal current-limiting and thermal-
shutdown, making them essentially indestructible. They can deliver
up to 100mA output current. if the case temperature can keep in Tc=25
°C.
They are intended as fixed voltage regulators in a wide range of applications including local
(on-card) regulation for elimination of noise and distribution problems associated with single-point
regulation. In addition, they can be used with power pass elements to make high-current voltage
regulators. The H7809_A used as a Zener diode/resistor combination replacement, offers an
effective output impedance improvement of typically two orders of magnitude, along with lower
quiescent current and lower noise.
Absolute Maximum Ratings (Ta=25
°C)
• Input Voltage....................................................................................................................... 35 V
• Total Power Dissipation..................................................................................... Internally limited
• Operating Temperature Range .......................................................................... 0 °C to +125 °C
• Maximum Junction Temperature...................................................................................... 125 °C
• Storage Temperature Range........................................................................... -55 °C to +150 °C
• Lead Temperature (Soldering 10S).................................................................................. 260 °C
Typical Application
Schematic Diagram
576
Ω
3.41k
Ω
3.89k
Ω
7.8k
Ω
13k
Ω
2.84k
Ω
5.7k
Ω
100
Ω
100
Ω
Vin
Vout
2.23k
Ω
1.9k
Ω
1.5k
Ω
Gnd
5k
Ω
5pF
H7809_A
Vout
Vin
C1
C2
Note:
C1 and C2 are required if regulator is
located far from power supply filter
and load, or oscillation may induced
on the loop.
TO-92


Similar Part No. - H7809

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H7809 HSMC-H7809 Datasheet
37Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SHANTOU HUASHAN ELECTRO...
H7809 HUASHAN-H7809 Datasheet
342Kb / 5P
3-TERMINAL FIXED VOLTAGE REGULATOR
H7809A HUASHAN-H7809A Datasheet
231Kb / 5P
3-TERMINAL FIXED VOLTAGE REGULATOR
logo
Hi-Sincerity Mocroelect...
H7809AE HSMC-H7809AE Datasheet
35Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AE HSMC-H7809AE Datasheet
142Kb / 12P
3-TERMINAL POSITIVE VOLTAGE REGULATORS
More results

Similar Description - H7809

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S78L05 SECOS-S78L05 Datasheet
310Kb / 2P
3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
ST78L05 SEMTECH_ELEC-ST78L05 Datasheet
201Kb / 2P
3-Terminal positive voltage regulator
ST78L06 SEMTECH_ELEC-ST78L06 Datasheet
130Kb / 2P
3-Terminal positive voltage regulator
ST78L09 SEMTECH_ELEC-ST78L09 Datasheet
130Kb / 2P
3-Terminal positive voltage regulator
logo
Cystech Electonics Corp...
LM7812XJ3 CYSTEKEC-LM7812XJ3 Datasheet
112Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M09 SECOS-SJ78M09 Datasheet
85Kb / 2P
3-Terminal Positive Voltage Regulator
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
3-Terminal Positive Voltage Regulator
logo
Continental Device Indi...
LM7818 CDIL-LM7818 Datasheet
75Kb / 2P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com