Electronic Components Datasheet Search
  English  ▼

X  

H78M08AT Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # H78M08AT
Description  3-TERMINAL POSITIVE VOLTAGE REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H78M08AT Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  H78M08AT Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H78M08AT Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H78M08AT Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : Preliminary Data
Issued Date : 2001.01.01
Revised Date : 2001.05.21
Page No. : 1/3
H78M08AT, H78M08BT
HSMC Product Specification
H78M08AT
H78M08BT
3-TERMINAL POSITIVE VOLTAGE REGULATOR
Description
The H78M08_T series of three-terminal positive regulators are available in
the TO-126 package. This regulator can provide local on-card regulation,
eliminating the distribution problems associated with single point regulation. Each device employs internal
current limiting, thermal shut-down and safe operating area protection, making it essentially indestructible.
If adequate heat sinking is provided, they can deliver over 0.5A output current. Although designed primarily
as fixed voltage regulators, this device can be used with external components to obtain adjustable
voltages and currents.
Description
• Output current up to 500mA is available.
• Eliminates external compensating circuit.
• Built-in current limiter prevents elements from destruction when load is short circuit.
• Built-in chip junction temperature limiting circuit protects elements against thermal destruction.
• Built-in internal power dissipation limiting circuit protects transistors at output driver.
Absolute Maximum Ratings (Ta=25
°C)
• Input Voltage................................................................................................................................... 35 V
• Total Power Dissipation (Tc=25°C) ................................................................................ Internally limited
• Operating Junction Temperature ...................................................................................... 0 °C to 125 °C
• Output Current (Tc=25°C) .............................................................................................................. 0.5 A
• Lead Temperature (Soldering 10S) .............................................................................................. 230 °C
Typical Application
Block Diagram
H78M08_T
Vout
Vin
3
1
2
C1
C2
Note :
C1 and C2 are required if regulator is
located far from power supply filter
and load, or oscillation may induced
on the loop.
Current
Generator
Reference
Voltage
Starting
Circuit
Error
Amplifier
SOA
Protection
Thermal
Protection
Series pass
Element
Input
1
Output
3
GND
2


Similar Part No. - H78M08AT

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H78M05AT HSMC-H78M05AT Datasheet
36Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
H78M05BT HSMC-H78M05BT Datasheet
36Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
H78M06AT HSMC-H78M06AT Datasheet
36Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
H78M06BT HSMC-H78M06BT Datasheet
36Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
H78M09AT HSMC-H78M09AT Datasheet
36Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results

Similar Description - H78M08AT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S78L05 SECOS-S78L05 Datasheet
310Kb / 2P
3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
ST78L05 SEMTECH_ELEC-ST78L05 Datasheet
201Kb / 2P
3-Terminal positive voltage regulator
ST78L06 SEMTECH_ELEC-ST78L06 Datasheet
130Kb / 2P
3-Terminal positive voltage regulator
ST78L09 SEMTECH_ELEC-ST78L09 Datasheet
130Kb / 2P
3-Terminal positive voltage regulator
logo
Cystech Electonics Corp...
LM7812XJ3 CYSTEKEC-LM7812XJ3 Datasheet
112Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M09 SECOS-SJ78M09 Datasheet
85Kb / 2P
3-Terminal Positive Voltage Regulator
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
3-Terminal Positive Voltage Regulator
logo
Continental Device Indi...
LM7818 CDIL-LM7818 Datasheet
75Kb / 2P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com