Electronic Components Datasheet Search
  English  ▼

X  

H7912AE Datasheet(PDF) 2 Page - Hi-Sincerity Mocroelectronics

Part # H7912AE
Description  3-TERMINAL POSITIVE VOLTAGE REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H7912AE Datasheet(HTML) 2 Page - Hi-Sincerity Mocroelectronics

  H7912AE Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H7912AE Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H7912AE Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H7912AE Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE200112
Issued Date : 1998.07.01
Revised Date : 2001.12.17
Page No. : 2/4
H7912AE, H7912BE
HSMC Product Specification
Electrical Characteristics
Vin=-19V, Io=500mA, Cin=2.2uF, Cout=1uF, 0
°C≤Tj≤125°C (unless otherwise noted)
H7912AE
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Tj=25
°C
-11.64
-12
-12.36
Vo
Output Voltage
PD
≤15W, 5mA≤Io≤1A
Vi=-14.5V to -27V
-11.58
-12
-12.42
V
Tj=25
°C, -14.5V≤Vin≤-30V
-
-
120
∆Vo
Line Regulation
Tj=25
°C, -16V≤Vin≤22V
--
30
mV
5mA
≤Io≤1.5A
-
-
150
∆Vo
Load Regulation
250mA
≤Io≤750mA
--
75
mV
IQ
Quiescent Current
Io
≤1A, Tj=25°C
-3
8
mA
5mA
≤Io≤1A
--
0.5
∆IQ
Quiescent Current
Change
-14.5V
≤Vin≤-30V
--
1.3
mA
∆Vo / ∆T
Output Voltage Drift
Io=5mA
-
-0.4
-
mV/
°C
Vn
Output Noise Voltage
Ta=25
°C, 10Hz to 100KHz
-
100
-
uV
RR
Ripple Rejection
∆Vi=10V, f=120Hz
54
68
-
dB
VD
Dropout Voltage
Tj=25
°C, Io=1A
-2-
V
Isc
Short Circuit Current
Tj=25
°C, Vi=-35V
-2.2
-
A
Ipk
Peak Output Current
Tj=25
°C
1.3
2.2
-
A
H7912BE
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Tj=25
°C
-11.5
-12
-12.5
Vo
Output Voltage
PD
≤15W, 5mA≤Io≤1A
Vi=-14.5V to -27V
-11.4
-12
-12.6
V
Tj=25
°C, -14.5V≤Vin≤-30V
-
10
240
∆Vo
Line Regulation
Tj=25
°C, -16V≤Vin≤22V
-
5
120
mV
5mA
≤Io≤1.5A
-
-
240
∆Vo
Load Regulation
250mA
≤Io≤750mA
-
-
120
mV
IQ
Quiescent Current
Io
≤1A, Tj=25°C
-3
8
mA
5mA
≤Io≤1A
--
0.5
∆IQ
Quiescent Current
Change
-14.5V
≤Vin≤-30V
--
1.3
mA
∆Vo / ∆T
Output Voltage Drift
Io=5mA
-
-0.4
-
mV/
°C
Vn
Output Noise Voltage
Ta=25
°C, 10Hz to 100KHz
-
100
-
uV
RR
Ripple Rejection
∆Vi=10V, f=120Hz
54
68
-
dB
VD
Dropout Voltage
Tj=25
°C, Io=1A
-2-
V
Isc
Short Circuit Current
Tj=25
°C, Vi=-35V
-2.2
-
A
Ipk
Peak Output Current
Tj=25
°C
1.3
2.2
-
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com