Electronic Components Datasheet Search
  English  ▼

X  

H7905 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # H7905
Description  3-TERMINAL POSITIVE VOLTAGE REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H7905 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  H7905 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H7905 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H7905 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H7905 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE200111
Issued Date : 1998.07.01
Revised Date : 2001.12.17
Page No. : 1/4
H7905AE, H7905BE
HSMC Product Specification
H7905AE
H7905BE
3-TERMINAL NEGATIVE VOLTAGE REGULATOR
Description
The H7905_E series of three-terminal negative regulators are avail-
able in the TO-220AB package. They can provide local on-card
regulation, eliminating the distribution problems associated with single point regulation;
furthermore, having the same voltage options as the H7905_E positive standard series, they are
particularly suited for split power supplies. If adequate heat sinking is provided, the H7905_E
series can deliver an output current in excess of 1A although designed primarily as fixed voltage
regulators, these devices can be used with external components to obtain adjustable voltage and
currents.
Absolute Maximum Ratings (Ta=25
°C)
• Input Voltage...................................................................................................................... -35 V
• Total Power Dissipation..................................................................................... Internally limited
• Operating Junction Temperature........................................................................ 0 °C to +125 °C
• Maximum Junction Temperature...................................................................................... 125 °C
• Storage Temperature Range........................................................................... -55 °C to +150 °C
• Lead Temperature (Soldering 10S).................................................................................. 230 °C
Typical Application
Schematic Diagram
H7905_E
Vout
Vin
3
2
1
C1
C2
Note:
By pass Capacitors are
recommended for optimum stability
and transient response and should
be locate as close as possible to the
regulator.
1.4k
7K
15K
Vin
750
1K
6K
20K
20K
20K
20pF
5K
10pF
600
15K
20K
3K
10K
6.2V
150
0.2
Vout
5K
4K
GND
TO-220


Similar Part No. - H7905

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
H7905 HUASHAN-H7905 Datasheet
220Kb / 3P
3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
More results

Similar Description - H7905

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S78L05 SECOS-S78L05 Datasheet
310Kb / 2P
3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
ST78L05 SEMTECH_ELEC-ST78L05 Datasheet
201Kb / 2P
3-Terminal positive voltage regulator
ST78L06 SEMTECH_ELEC-ST78L06 Datasheet
130Kb / 2P
3-Terminal positive voltage regulator
ST78L09 SEMTECH_ELEC-ST78L09 Datasheet
130Kb / 2P
3-Terminal positive voltage regulator
logo
Cystech Electonics Corp...
LM7812XJ3 CYSTEKEC-LM7812XJ3 Datasheet
112Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M09 SECOS-SJ78M09 Datasheet
85Kb / 2P
3-Terminal Positive Voltage Regulator
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
3-Terminal Positive Voltage Regulator
logo
Continental Device Indi...
LM7818 CDIL-LM7818 Datasheet
75Kb / 2P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com