Electronic Components Datasheet Search
  English  ▼

X  

HA8550 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HA8550
Description  PNP EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HA8550 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HA8550 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HA8550 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HA8550 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6108
Issued Date : 1997.09.05
Revised Date : 2001.08.13
Page No. : 1/3
HA8550
HSMC Product Specification
HA8550
PNP EPITAXIAL PLANAR TRANSISTOR
Description
The HA8550 is designed for use in 2W output amplifier of portable radios in
class B push-pull operation.
Features
• High total power dissipation (PT: 2W, TC=25°C)
• High collector current (IC: 1.5A)
• Complementary to HA8050
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ....................................................................................................... -55 ~ +150
°C
Junction Temperature................................................................................................ +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C)................................................................................................... 1 W
Total Power Dissipation (Tc=25
°C) ................................................................................................... 2 W
• Maximum Voltages and Currents (Ta=25°C)
VCBO Collector to Base Voltage.................................................................................................... -40 V
VCEO Collector to Emitter Voltage................................................................................................. -25 V
VEBO Emitter to Base Voltage......................................................................................................... -6 V
IC Collector Current ..................................................................................................................... -1.5 A
IB Base Current ............................................................................................................................ -0.5 A
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-40
-
-
V
IC=-100uA
BVCEO
-25
-
-
V
IC=-2mA
BVEBO
-6
-
-
V
IE=-100uA
ICBO
-
-
-100
nA
VCB=-35V
IEBO
-
-
-100
nA
VEB=-6V
*VCE(sat)
-
-
-0.5
V
IC=-0.8A, IB=-80mA
*VBE(sat)
-
-
-1.2
V
IC=-0.8A, IB=-80mA
VBE(on)
-
-
-1
V
VCE=-1V, IC=-10mA
*hFE1
45
-
-
VCE=-1V, IC=-5mA
*hFE2
85
-
500
VCE=-1V, IC=-100mA
*hFE3
40
-
-
VCE=-1V, IC=-800mA
fT
100
-
-
MHz
VCE=-10V, IC=-50mA, f=100MHZ
*Pulse Test : Pulse Width
≤380us, Duty Cycle≤2%
Classification on hFE2
Rank
C
D
E
Range
120-200
160-320
250-500


Similar Part No. - HA8550

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HA8550S HSMC-HA8550S Datasheet
39Kb / 4P
PNP EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - HA8550

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM1426 GTM-GM1426 Datasheet
173Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM2907A GTM-GM2907A Datasheet
214Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBT1132 GTM-GMBT1132 Datasheet
257Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com