Electronic Components Datasheet Search
  English  ▼

X  

HBAT54 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HBAT54
Description  Silicon Schottky Barrier Double Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HBAT54 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HBAT54 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HBAT54 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HBAT54 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6854
Issued Date : 1997.04.28
Revised Date : 2002.10.24
Page No. : 1/3
HBAT54, HBAT54A, HBAT54C, HBAT54S
HSMC Product Specification
HBAT54\A\C\S
Description
Silicon Schottky Barrier Double Diodes
Features
These diodes feature very low turn-on voltage and fast switching.
There is a PN junction guard ring against excessive voltage such as
electronics attic discharges protects these devices.
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature .............................................................................................. -65~+125
°C
Junction Temperature .................................................................................................... +125
°C
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) ................................................................................ 230 mW
• Maximum Voltages and Currents (Ta=25°C)
Repetitive Peak Reverse Voltage ........................................................................................ 30 V
Forward Continuous Current .......................................................................................... 200 mA
Repetitive Peak Forward Current .................................................................................. 300 mA
Surge Forward Current (tp<1s)....................................................................................... 600 mA
Characteristics (Ta=25
°C)
Characteristic
Symbol
Condition
Min.
Max.
Unit
Reverse breakdown Voltage
V(BR)R
IR=10uA
30
-
V
VF(1)
IF=0.1mA
-
240
mV
VF(2)
IF=1mA
-
320
mV
VF(3)
IF=10mA
-
400
mV
VF(4)
IF=30mA
-
500
mV
Forward Voltage
VF(5)
IF=100mA
-
1000
mV
Reverse Current
IR
VR=25V
-
2.0
uA
Total Capacitance
CT
VR=1V, f=1MHz
-
10
pF
Reverse Recovery Time
Trr
IF=IR=10mA RL=100
Ω
measured at IR=1mA
-5
nS
SOT-23


Similar Part No. - HBAT54

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HBAT54 HSMC-HBAT54 Datasheet
35Kb / 4P
Silicon Schottky Barrier Double Diodes
HBAT54A HSMC-HBAT54A Datasheet
35Kb / 4P
Silicon Schottky Barrier Double Diodes
HBAT54C HSMC-HBAT54C Datasheet
35Kb / 4P
Silicon Schottky Barrier Double Diodes
HBAT54S HSMC-HBAT54S Datasheet
35Kb / 4P
Silicon Schottky Barrier Double Diodes
HBAT54X HSMC-HBAT54X Datasheet
35Kb / 4P
Silicon Schottky Barrier Double Diodes
More results

Similar Description - HBAT54

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT140 PHILIPS-BAT140 Datasheet
71Kb / 8P
Schottky barrier double diodes
1997 Oct 03
BAT54 PHILIPS-BAT54 Datasheet
48Kb / 8P
Schottky barrier double diodes
2002 Mar 04
BAT854W PHILIPS-BAT854W Datasheet
56Kb / 8P
Schottky barrier (double) diodes
2001 Feb 27
logo
Hi-Sincerity Mocroelect...
HBAT54X HSMC-HBAT54X Datasheet
35Kb / 4P
Silicon Schottky Barrier Double Diodes
logo
NXP Semiconductors
BAT120 PHILIPS-BAT120_03 Datasheet
57Kb / 7P
Schottky barrier double diodes
2003 Aug 04
logo
GTM CORPORATION
GBAT54 GTM-GBAT54 Datasheet
224Kb / 2P
Silicon Schottky Barrier Double Diodes .
logo
Vishay Siliconix
HBAT54 VISHAY-HBAT54_08 Datasheet
111Kb / 5P
Silicon Schottky Barrier Double Diodes
logo
E-Tech Electronics LTD
GBAT54-A-C-S ETL-GBAT54-A-C-S Datasheet
226Kb / 2P
Silicon Schottky Barrier Double Diodes
logo
NXP Semiconductors
BAT160 PHILIPS-BAT160_15 Datasheet
192Kb / 7P
Schottky barrier double diodes
1999 Sep 20
logo
Hi-Sincerity Mocroelect...
HBAT54 HSMC-HBAT54_08 Datasheet
111Kb / 5P
Silicon Schottky Barrier Double Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com