Electronic Components Datasheet Search
  English  ▼

X  

HBAV70 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HBAV70
Description  SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HBAV70 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HBAV70 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HBAV70 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HBAV70 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6801
Issued Date : 1995.11.17
Revised Date : 2002.10.24
Page No. : 1/3
HBAV70
HSMC Product Specification
HBAV70
SWITCHING DIODE
Description
The HBAV70 consists of two diodes in a plastic surface mount
package. The diodes are connected in series and the unit is
designed for high-speed switching application in hybrid thick and
thin-film circuits.
Features
• Small SMD Package (SOT-23)
• Ultra-high Speed
• Low Forward Voltage
• Fast Reverse Recovery Time
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ............................................................................................ -65 ~ +150
°C
Junction Temperature .................................................................................................... +150
°C
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) ................................................................................ 250 mW
• Maximum Voltages and Currents (Ta=25°C)
Reverse Voltage .................................................................................................................. 70 V
Forward Current ............................................................................................................. 200 mA
Repetitive Forward Current ............................................................................................ 500 mA
Characteristics (Ta=25
°C)
Characteristic
Symbol
Condition
Min
Max
Unit
Reverse Breakdown Voltage
V(BR)
IR=100uA
70
-
V
VF(1)
IF=1mA
-
715
mV
VF(2)
IF=10mA
-
855
mV
VF(3)
IF=50mA
-
1100
mV
Forward Voltage
VF(4)
IF=100mA
-
1300
mV
Reverse Current
IR
VR=70
-
5
uA
Total Capacitance
CT
VR=0, f=1MHz
-
1.5
pF
Reverse Recovery Time
Trr
IF=IR=10mA, RL=100
Ω
measured at IR=1mA, VR=5V
-15
nS
SOT-23


Similar Part No. - HBAV70

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HBAV70 HSMC-HBAV70_04 Datasheet
35Kb / 4P
Small SMD Package (SOT-23)
More results

Similar Description - HBAV70

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com