Electronic Components Datasheet Search
  English  ▼

X  

HBAV99 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HBAV99
Description  HIGH-SPEED SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HBAV99 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HBAV99 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HBAV99 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HBAV99 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6834
Issued Date : 1998.02.01
Revised Date : 2002.10.24
Page No. : 1/3
HBAV99
HSMC Product Specification
HBAV99
HIGH-SPEED SWITCHING DIODE
Description
The HBAV99 consists of two diodes in a plastic surface mount
package. The diodes are connected in series and the unit is
designed for high-speed switching application in hybrid thick and
thin-film circuits.
Features
• Small SMD Package (SOT-23)
• Ultra-high Speed
• Low Forward Voltage
• Fast Reverse Recovery Time
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ............................................................................................ -65 ~ +150
°C
Junction Temperature .................................................................................................... +150
°C
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) ................................................................................ 250 mW
• Maximum Voltages and Currents (Ta=25°C)
Reverse Voltage .................................................................................................................. 70 V
Repetitive Reverse Voltage ................................................................................................. 70 V
Forward Current ............................................................................................................. 150 mA
Repetitive Forward Current ............................................................................................ 500 mA
Forward Surge Current (1ms)....................................................................................... 1000 mA
Characteristics (Ta=25
°C)
Characteristic
Symbol
Condition
Min
Max
Unit
Reverse Breakdown Voltage
V(BR)
IR=100uA
70
-
V
VF(1)
IF=1mA
-
715
mV
VF(2)
IF=10mA
-
855
mV
VF(3)
IF=50mA
-
1000
mV
Forward Voltage
VF(4)
IF=150mA
-
1250
mV
Reverse Current
IR
VR=70
-
2.5
uA
Total Capacitance
CT
VR=0, f=1MHz
-
1.5
pF
Reverse Recovery Time
Trr
IF=IR=10mA, RL=100
Ω
measured at IR=1mA
-6
nS
SOT-23


Similar Part No. - HBAV99

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HBAV99 HSMC-HBAV99_04 Datasheet
36Kb / 4P
Small SMD Package (SOT-23)
More results

Similar Description - HBAV99

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HYFH ROHM-BAV70HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com