Electronic Components Datasheet Search
  English  ▼

X  

HBAW56 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HBAW56
Description  HIGH-CONDUCTANCE ULTRA DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HBAW56 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HBAW56 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HBAW56 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HBAW56 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HN200216
Issued Date : 1998.07.27
Revised Date : 2002.10.24
Page No. : 1/3
HBAW56
HSMC Product Specification
HBAW56
HIGH-CONDUCTANCE ULTRA DIODE
Description
The HBAW56 consists of two high-speed switching diodes with
common anodes, fabricated in planar technology, and encapsulated
in the small plastic SMD SOT23 package.
Features
• Small SMD Package (SOT-23)
• Ultra-high Speed
• Low Forward Voltage
• Fast Reverse Recovery Time
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ............................................................................................ -65 ~ +150
°C
Junction Temperature .................................................................................................... +150
°C
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) ................................................................................ 250 mW
• Maximum Voltages and Currents (Ta=25°C)
Reverse Voltage .................................................................................................................. 85 V
Repetitive Reverse Voltage ................................................................................................. 75 V
Forward Current ............................................................................................................. 215 mA
Repetitive Forward Current ........................................................................................... 125 mA
Forward Surge Current (1ms)......................................................................................... 450 mA
Characteristics (Ta=25
°C)
Characteristic
Symbol
Condition
Min
Max
Unit
VF(1)
IF=1mA
-
715
mV
VF(2)
IF=10mA
-
855
mV
VF(3)
IF=50mA
-
1000
mV
Forward Voltage
VF(4)
IF=150mA
-
1250
mV
Reverse Current
IR
VR=75V
-
1
uA
Total Capacitance
CT
VR=0, f=1MHz
-
2
pF
Reverse Recovery Time
Trr
IF=IR=10mA, RL=100
Ω
measured at IR=1mA
-4
nS
SOT-23


Similar Part No. - HBAW56

ManufacturerPart #DatasheetDescription
logo
Heyco.
HBA HEYCO-HBA Datasheet
147Kb / 1P
Polyurethane Adhesive-Back Bumpers
logo
TDK Electronics
HBA-2030 TDK-HBA-2030 Datasheet
1Mb / 2P
High Power Biconical Antenna
logo
Bothhand USA, LP.
HBA1 BOTHHAND-HBA1 Datasheet
768Kb / 7P
Isolated DC-DC Converters
HBA1-05D0H6 BOTHHAND-HBA1-05D0H6 Datasheet
768Kb / 7P
Isolated DC-DC Converters
HBA1-05D0H6 BOTHHAND-HBA1-05D0H6 Datasheet
768Kb / 7P
Isolated DC-DC Converters
More results

Similar Description - HBAW56

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N4150 FAIRCHILD-1N4150 Datasheet
26Kb / 3P
High Conductance Ultra Fast Diode
1N4454 FAIRCHILD-1N4454 Datasheet
19Kb / 2P
High Conductance Ultra Fast Diode
BAV70 FAIRCHILD-BAV70 Datasheet
24Kb / 3P
High Conductance Ultra Fast Diode
BAW56 FAIRCHILD-BAW56 Datasheet
34Kb / 2P
High Conductance Ultra Fast Diode
BAY74 FAIRCHILD-BAY74 Datasheet
32Kb / 1P
High Conductance Ultra Fast Diode
MMBD7000 FAIRCHILD-MMBD7000 Datasheet
34Kb / 2P
High Conductance Ultra Fast Diode
logo
Unisonic Technologies
BAV99 UTC-BAV99 Datasheet
98Kb / 4P
HIGH CONDUCTANCE ULTRA FAST DIODE
logo
Fairchild Semiconductor
FDH600 FAIRCHILD-FDH600_97 Datasheet
28Kb / 3P
High Conductance Ultra Fast Diode
logo
Guangdong Kexin Industr...
MMBD1201 KEXIN-MMBD1201 Datasheet
41Kb / 2P
High Conductance Ultra Fast Diode
logo
Unisonic Technologies
BAV99 UTC-BAV99_09 Datasheet
187Kb / 4P
HIGH CONDUCTANCE ULTRA FAST DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com