Electronic Components Datasheet Search
  English  ▼

X  

PS391 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PS391
Description  Precision, Quad, SPST, Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS391 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PS391 Datasheet HTML 1Page - Pericom Semiconductor Corporation PS391 Datasheet HTML 2Page - Pericom Semiconductor Corporation PS391 Datasheet HTML 3Page - Pericom Semiconductor Corporation PS391 Datasheet HTML 4Page - Pericom Semiconductor Corporation PS391 Datasheet HTML 5Page - Pericom Semiconductor Corporation PS391 Datasheet HTML 6Page - Pericom Semiconductor Corporation PS391 Datasheet HTML 7Page - Pericom Semiconductor Corporation PS391 Datasheet HTML 8Page - Pericom Semiconductor Corporation PS391 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PS391/PS392/PS393
Precision, Quad, SPST Analog Switches
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
4
PS8168E
09/16/02
Electrical Specifications - Dual Supplies
(V+ = +5V ±10%, V– = –5V ±10%, GND = 0V, VINH =2.4V,VINL=0.8V)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
CC
°
p
m
e
Tn
i
M
)
2
(
p
y
T
)
2
(
x
a
M
)
2
(
s
t
i
n
U
h
c
t
i
w
S
g
o
l
a
n
A
e
g
n
a
R
l
a
n
g
i
S
g
o
l
a
n
A
)
3
(
V
G
O
L
A
N
A
ll
u
F–
V+
VV
e
c
n
a
t
s
i
s
e
R
-
n
OR N
O
,
V
5
.
4
–
=
–
V
,
V
5
.
4
=
+
V
I
M
O
C
V
,
A
m
0
1
–
=
O
N
V
r
o
C
N
V
5
.
3
+
=
5
26
10
3
m
h
o
ll
u
F0
4
h
c
t
a
M
e
c
n
a
t
s
i
s
e
R
-
n
O
s
l
e
n
n
a
h
C
n
e
e
w
t
e
B
)
4
(
∆R N
O
,
V
5
.
5
–
=
–
V
,
V
5
.
5
=
+
V
V
M
O
C
V
,
A
m
0
1
–
=
O
N
V
r
o
C
N
V
5
.
3
±
=
5
22
.
02
ll
u
F4
s
s
e
n
t
a
l
F
e
c
n
a
t
s
i
s
e
R
-
n
O
)
5
(
R
)
N
O
(
T
A
L
F
5
21
4
ll
u
F6
e
g
a
k
a
e
L
f
f
O
C
N
r
o
O
N
t
n
e
r
r
u
C
)
6
(
I
)
F
F
O
(
O
N
r
o
I
)
F
F
O
(
O
N
,
V
5
.
5
–
=
–
V
,
V
5
.
5
=
+
V
V
M
O
C
V
,
V
5
.
4
±
=
O
N
V
r
o
C
N
V
5
.
4
+
=
5
21
.
0
–1
0
0
.
0
–1
.
0
nA
ll
u
F5
.
2
–5
.
2
e
g
a
k
a
e
L
f
f
O
M
O
C
t
n
e
r
r
u
C
)
6
(
I
)
F
F
O
(
M
O
C
5
21
.
0
–1
0
0
.
0
–1
.
0
ll
u
F5
.
2
–5
.
2
e
g
a
k
a
e
L
n
O
M
O
C
t
n
e
r
r
u
C
)
6
(
I
)
N
O
(
M
O
C
,
V
5
.
5
–
=
–
V
,
V
5
.
5
=
+
V
V
M
O
C
,
V
5
.
4
±
=V O
N
V
r
o
C
N
V
5
.
4
±
=
5
2– 2
.
02
0
0
.
02
.
0
ll
u
F–5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com