Electronic Components Datasheet Search
  English  ▼

X  

RA49C14B Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # RA49C14B
Description  1/4 RIGHT ANGLE JACKS RA SEIRIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

RA49C14B Datasheet(HTML) 1 Page - Switchcraft, Inc.

  RA49C14B Datasheet HTML 1Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Search
Home About Us Products Applications Sales Support Contact Us
Home > Industrial Products > Jacks and Plugs > 1/4" Jacks and Plugs > 1/4" Right Angle Jacks - RA Series
These low-profile phone jacks have "snap-in" PC mounting, right-angle plug insertion and available with 2- and 3-conductor circuits
and plastic or metal bushings. Ideal for telecommunications, data processing and other high quality audio connecting applications.
Questions? Contact Switchcraft Customer Support at 1-773-792-2700
Product
Description
Stock
RA49B11
2-cond., open circuit
Info
RA49B12A
2-cond., single closed circuit
Info
RA49B12B
3-cond., double open circuit
Info
RA49B14B
3-cond., double closed circuit
Info
RA49C11
2-cond., open circuit
Info
RA49C12A
2-cond., single closed circuit
Info
RA49C12B
3-cond., double open circuit
Info
RA49C14B
3-cond., double closed
Info
RA70B11
circuit2-cond., open circuit
Info
RA70B12A
2-cond., single closed circuit
Info
RA70B12B
3-cond., double open circuit
Info
RA70B14B
3-cond., double closed
Info
RA70C11
circuit2-cond., open circuit
Info
RA70C12A
2-cond., single closed circuit
Info
RA70C12B
3-cond., double open circuit
Info
RA70C14B
3-cond., double closed circuit
Info
Downloads:
Jack Schematics
Specification Sheet - Printer
friendly version
Associated Products:
1/4" Silent Plug
1/4" Vintage Plug
1/4" Straight Plastic Handle Plugs
5555 N Elston Avenue
Chicago, IL 60630
USA
773-792-2700
Made in USA
Home About Us Sales Support Contact Us Login


Similar Part No. - RA49C14B

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
RA4 APEX-ELECTRONICS-RA4 Datasheet
735Kb / 2P
Rocker switches
logo
fujitsu semiconductor
RA4-12W-K FUJITSU-RA4-12W-K Datasheet
417Kb / 8P
MINIATURE RELAY 4 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
RA4-D12W-K FUJITSU-RA4-D12W-K Datasheet
417Kb / 8P
MINIATURE RELAY 4 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
List of Unclassifed Man...
RA400 ETC-RA400 Datasheet
661Kb / 1P
RESISTORS ASSEMBLIES
logo
Systemsensor advanced i...
RA400Z SYSTEMSENSOR-RA400Z Datasheet
223Kb / 2P
Plug-in 190째F Thermal Detector
More results

Similar Description - RA49C14B

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5360F1 CML-5360F1 Datasheet
26Kb / 1P
T-1 Right Angle 4 Wide LED Assembly
logo
Adam Technologies, Inc.
MDJ-008 ADAM-TECH-MDJ-008 Datasheet
171Kb / 1P
MINI DIN JACKS RIGHT ANGLE PCB MOUNT
logo
IDEA.lnc.
G626XB IDEA-G626XB Datasheet
26Kb / 1P
T-1-3/4, Right-Angle LED Assembly
logo
Switchcraft, Inc.
SN37A SWITCH-SN37A Datasheet
57Kb / 1P
1/4 RIGHT-ANGLE PHONE JACKS
RAPC712BK SWITCH-RAPC712BK Datasheet
40Kb / 1P
RIGHT ANGLE MINIATURE LOCKING POWER JACKS
P286305 SWITCH-P286305 Datasheet
39Kb / 1P
MINIATURE TELEPHONE JACKS, RIGHT ANGLE, PC MOUNT
N113X SWITCH-N113X Datasheet
94Kb / 5P
1/4 ENCLOSED PHONE JACKS
RASH722X SWITCH-RASH722X Datasheet
185Kb / 1P
RIGHT ANGLE PC MOUNT DC SERIES POWER JACKS
logo
Richco, Inc.
SS8-3 RICHCO-SS8-3 Datasheet
52Kb / 1P
ROUND SPACERS SEIRIES
logo
Adam Technologies, Inc.
DJ-005-S5 ADAM-TECH-DJ-005-S5 Datasheet
102Kb / 1P
DIN JACKS RIGHT ANGLE PCB MOUNT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com