Electronic Components Datasheet Search
  English  ▼

X  

AT45DB321 Datasheet(PDF) 20 Page - ATMEL Corporation

Part # AT45DB321
Description  Page Program Operation
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321 Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button AT45DB321_14 Datasheet HTML 13Page - ATMEL Corporation AT45DB321_14 Datasheet HTML 14Page - ATMEL Corporation AT45DB321_14 Datasheet HTML 15Page - ATMEL Corporation AT45DB321_14 Datasheet HTML 16Page - ATMEL Corporation AT45DB321_14 Datasheet HTML 17Page - ATMEL Corporation AT45DB321_14 Datasheet HTML 18Page - ATMEL Corporation AT45DB321_14 Datasheet HTML 19Page - ATMEL Corporation AT45DB321_14 Datasheet HTML 20Page - ATMEL Corporation AT45DB321_14 Datasheet HTML 21Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
AT45DB321
20
Packaging Information
32T, 32-lead, Plastic Thin Small Outline Package
(TSOP)
Dimensions in Millimeters and (Inches)*
JEDEC OUTLINE MO-142 BD
*Controlling dimension: millimeters
INDEX
MARK
18.5(.728)
18.3(.720)
20.2(.795)
19.8(.780)
0.25(.010)
0.15(.006)
0.50(.020)
BSC
7.50(.295)
REF
8.20(.323)
7.80(.307)
1.20(.047) MAX
0.15(.006)
0.05(.002)
0
5
REF
0.70(.028)
0.50(.020)
0.20(.008)
0.10(.004)
44C1, 44-ball (5 x 9 Array), 1.0 mm Pitch,
Plastic Chip-scale Ball Grid Array (CBGA)
Dimensions in Millimeters and (Inches)*
*Controlling dimension: millimeters
6.2 (0.244)
5.8 (0.228)
12.2 (0.480)
11.8 (0.465)
1.20 (0.047) MAX
0.30 (0.012)
A
B
C
D
E
F
G
H
J
1.00 (0.039) BSC
NON-ACCUMULATIVE
0.41 (0.016)
DIA BALL TYP
4.0 (0.157)
54
3
2
1
8.0 (0.315)
2.12 (0.083)
1.88 (0.074)
1.12 (0.044)
0.88 (0.035)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com