Electronic Components Datasheet Search
  English  ▼

X  

HDY227 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HDY227
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HDY227 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HDY227 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HDY227 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HDY227 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6401-B
Issued Date : 1998.06.21
Revised Date : 2000.09.20
Page No. : 1/3
HSMC Product Specification
HDY227
NPN EPITACIAL PLANAR TRANSISTOR
Description
Low frequency power amplifier.
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ........................................................................................... -55 ~ +150
°C
Junction Temperature ................................................................................... +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) ............................................................................... 400 mW
• Maximum Voltages and Currents (Ta=25°C)
VCBO Collector to Base Voltage ........................................................................................ 30 V
VCEO Collector to Emitter Voltage ..................................................................................... 25 V
VEBO Emitter to Base Voltage ............................................................................................. 5 V
IC Collector Current ....................................................................................................... 300 mA
Characteristics (Ta=25
°C)
Symbol
Min.
Max.
Unit
Test Conditions
BVCBO
30
-
V
IC=100uA, IE=0
BVCEO
25
-
V
IC=10mA, IB=0
BVEBO
5
-
V
IE=10uA, IC=0
ICBO
-
100
nA
VCB=25V, IE=0
IEBO
-
100
nA
VEB=3V, IC=0
*VCE(sat)
-
400
mV
IC=300mA, IB=30mA
*hFE
70
400
-
IC=50mA, VCE=1V
*Pulse Test : Pulse Width
≤380us, Duty Cycle≤2%
Classification of hFE
Rank
O
Y
G
hFE
70-140
120-240
200-400


Similar Part No. - HDY227

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
HDY2 MSYSTEM-HDY2 Datasheet
99Kb / 2P
Space-saving Plug-in Signal Conditioners H-UNIT
HDY2-241-R MSYSTEM-HDY2-241-R Datasheet
99Kb / 2P
Space-saving Plug-in Signal Conditioners H-UNIT
HDY2-241-R/Q MSYSTEM-HDY2-241-R/Q Datasheet
99Kb / 2P
Space-saving Plug-in Signal Conditioners H-UNIT
HDY2-242-R MSYSTEM-HDY2-242-R Datasheet
99Kb / 2P
Space-saving Plug-in Signal Conditioners H-UNIT
HDY2-242-R/Q MSYSTEM-HDY2-242-R/Q Datasheet
99Kb / 2P
Space-saving Plug-in Signal Conditioners H-UNIT
More results

Similar Description - HDY227

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com