Electronic Components Datasheet Search
  English  ▼

X  

HE9012 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HE9012
Description  PNP EPITAXIAL PLANAR TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HE9012 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HE9012 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HE9012 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HE9012 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HE9012 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6103
Issued Date : 1992.09.09
Revised Date : 2002.02.18
Page No. : 1/4
HE9012
HSMC Product Specification
HE9012
PNP EPITAXIAL PLANAR TRANSISTOR
Description
The HE9012 is designed for use in 1W output amplifier of portable radios in
class B push-pull operation.
Features
• High total power dissipation (PT: 625mW)
• High collector current (IC: 500mA)
• Complementary to HE9013
• Excellent linearity
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ........................................................................................................ -55 ~ +150
°C
Junction Temperature ................................................................................................ +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C)............................................................................................. 625 mW
• Maximum Voltages and Currents (Ta=25°C)
VCBO Collector to Base Voltage.................................................................................................... -40 V
VCEO Collector to Emitter Voltage ................................................................................................ -20 V
VEBO Emitter to Base Voltage......................................................................................................... -5 V
IC Collector Current .................................................................................................................. -500 mA
IBP Base Current...................................................................................................................... -100 mA
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-40
-
-
V
IC=-100uA, IE=0
BVCEO
-20
-
-
V
IC=-1mA, IB=0
BVEBO
-5
-
-
V
IE=-100uA, IC=0
ICBO
-
-
-100
nA
VCE=-25V, IE=0
IEBO
-
-
-100
nA
VEB=-3V, IC=0
*VCE(sat)
-
-
-0.6
V
IC=-500mA, IB=-50mA
*VBE(sat)
-
-
-1.2
V
IC=-500mA, IB=-50mA
VBE(on)
-
-
-0.9
V
VCE=-1V, IC=-10mA
*hFE1
112
180
300
VCE=-1V, IC=-50mA
*hFE2
40
-
-
VCE=-1V, IC=-500mA
Cob
-
-
8
pF
VCB=-10V, f=1MHz
fT
100
-
-
MHz
VCE=-1V, IC=-10mA, f=100MHz
*Pulse Test: Pulse Width
≤380us, Duty Cycle≤2%
Classification on hFE1
Rank
G
H
I1
I2
Range
112-166
144-202
176-246
214-300
TO-92


Similar Part No. - HE9012

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HE9013 HSMC-HE9013 Datasheet
40Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
HE9014 HSMC-HE9014 Datasheet
43Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
HE9015 HSMC-HE9015 Datasheet
38Kb / 4P
PNP EPITAXIAL PLANAR TRANSISTOR
HE9018 HSMC-HE9018 Datasheet
32Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - HE9012

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM1426 GTM-GM1426 Datasheet
173Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM2907A GTM-GM2907A Datasheet
214Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBT1132 GTM-GMBT1132 Datasheet
257Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com