Electronic Components Datasheet Search
  English  ▼

X  

T201239 Datasheet(PDF) 1 Page - E-SWITCH

Part # T201239
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

T201239 Datasheet(HTML) 1 Page - E-SWITCH

  T201239 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
200AWMSP5T2A1M7RE
2:1
11/1/2005
T201239
B
PH
1
1
PC MOUNTING
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
OFF
ON
(ON)
2-3
OPEN
2-1
2
1
3
A
15475
RELEASED FOR PRODUCTION
11/1/05
PH
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: GOLD
5. RATING: 0.4VA MAX. @ 20V MAX. AC OR DC
6. ELECTRIC LIFE: 50,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
7. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
8. DIELECTRIC STRENGTH: 1,000 V RMS @SEA LEVEL.
9. OPERATING TEMP.: -30°C to 85°C
10.
DENOTES CRITICAL PARAMETER.
5.08
[.200 in]
CIRCUIT: SPDT
4.11
[.162 in]
n2.54
[.100 in]
2.54
[.100 in]
13.46
[.530 in]
3.30
[.130 in]
.51
[.020 in]
6.10
[.240 in]
4.19
[.165 in]
.41
[.016 in]
5.08
[.200 in]
.51
[.020 in]
2.54
[.100 in]
n1.09
[.043 in]
.76
[.030 in]
5.90
[.232 in]
1
2
3
8.13
[.320 in]
25
~
POS. 1
POS. 3
(ON)=MOMENTARY
B
15527
DIM FROM 4.84 TO 5.08
11/11/05
PH


Similar Part No. - T201239

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T201230 E-SWITCH-T201230 Datasheet
51Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T201231 E-SWITCH-T201231 Datasheet
34Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T201232 E-SWITCH-T201232 Datasheet
32Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T201233 E-SWITCH-T201233 Datasheet
38Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T201234 E-SWITCH-T201234 Datasheet
34Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T201239

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com