Electronic Components Datasheet Search
  English  ▼

X  

74HC40103D Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74HC40103D
Description  8-bit synchronous binary down counter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC40103D Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74HC40103D Datasheet HTML 9Page - NXP Semiconductors 74HC40103D Datasheet HTML 10Page - NXP Semiconductors 74HC40103D Datasheet HTML 11Page - NXP Semiconductors 74HC40103D Datasheet HTML 12Page - NXP Semiconductors 74HC40103D Datasheet HTML 13Page - NXP Semiconductors 74HC40103D Datasheet HTML 14Page - NXP Semiconductors 74HC40103D Datasheet HTML 15Page - NXP Semiconductors 74HC40103D Datasheet HTML 16Page - NXP Semiconductors 74HC40103D Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
9397 750 13812
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 12 November 2004
13 of 25
Philips Semiconductors
74HC40103
8-bit synchronous binary down counter
trem
removal time MR to CP, PL to CP
see Figure 10
VCC = 2.0 V
65
-
-
ns
VCC = 4.5 V
13
-
-
ns
VCC = 6.0 V
11
-
-
ns
tsu
set-up time PE to CP
see Figure 11
VCC = 2.0 V
95
-
-
ns
VCC = 4.5 V
19
-
-
ns
VCC = 6.0 V
16
-
-
ns
set-up time TE to CP
see Figure 12
VCC = 2.0 V
190
-
-
ns
VCC = 4.5 V
38
-
-
ns
VCC = 6.0 V
33
-
-
ns
set-up time Pn to CP
see Figure 11
VCC = 2.0 V
95
-
-
ns
VCC = 4.5 V
19
-
-
ns
VCC = 6.0 V
16
-
-
ns
th
hold time PE to CP
see Figure 11
VCC = 2.0 V
0
-
-
ns
VCC = 4.5 V
0
-
-
ns
VCC = 6.0 V
0
-
-
ns
hold time TE to CP
see Figure 12
VCC = 2.0 V
0
-
-
ns
VCC = 4.5 V
0
-
-
ns
VCC = 6.0 V
0
-
-
ns
hold time Pn to CP
see Figure 11
VCC = 2.0 V
0
-
-
ns
VCC = 4.5 V
0
-
-
ns
VCC = 6.0 V
0
-
-
ns
fmax
maximum clock frequency
see Figure 7
VCC = 2.0 V
2.4
-
-
MHz
VCC = 4.5 V
12
-
-
MHz
VCC = 6.0 V
14
-
-
MHz
Table 8:
Dynamic characteristics …continued
GND = 0 V; tr =tf = 6 ns; CL = 50 pF; see Figure 13.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com