Electronic Components Datasheet Search
  English  ▼

X  

74HC123D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC123D
Description  Dual retriggerable monostable multivibrator with reset
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC123D Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC123D Datasheet HTML 1Page - NXP Semiconductors 74HC123D Datasheet HTML 2Page - NXP Semiconductors 74HC123D Datasheet HTML 3Page - NXP Semiconductors 74HC123D Datasheet HTML 4Page - NXP Semiconductors 74HC123D Datasheet HTML 5Page - NXP Semiconductors 74HC123D Datasheet HTML 6Page - NXP Semiconductors 74HC123D Datasheet HTML 7Page - NXP Semiconductors 74HC123D Datasheet HTML 8Page - NXP Semiconductors 74HC123D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
74HC_HCT123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 16 December 2011
2 of 25
NXP Semiconductors
74HC123; 74HCT123
Dual retriggerable monostable multivibrator with reset
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC123N
40 C to +125 C
DIP16
plastic dual in-line package; 16 leads (300 mil)
SOT38-4
74HCT123N
74HC123D
40 C to +125 C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
74HCT123D
74HC123DB
40 C to +125 C
SSOP16
plastic shrink small outline package; 16 leads;
body width 5.3 mm
SOT338-1
74HCT123DB
74HC123PW
40 C to +125 C
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
74HCT123PW
74HC123BQ
40 C to +125 C
DHVQFN16
plastic dual in-line compatible thermal enhanced
very thin quad flat package; no leads; 16 terminals;
body 2.5
 3.5  0.85 mm
SOT763-1
Fig 1.
Functional diagram
1Q
Q
2RD
RD
S
13
1REXT/CEXT
15
1CEXT
14
1Q
Q
4
9
001aaa610
1RD
2A
1
1A
10
2B
2
11
3
1B
T
Q
RD
S
2REXT/CEXT
7
2CEXT
6
2Q
5
Q
2Q
12
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com