Electronic Components Datasheet Search
  English  ▼

X  

DAC10FX Datasheet(PDF) 2 Page - Analog Devices

Part # DAC10FX
Description  10-Bit High Speed Multiplying D/A Converter (Universal Digital Logic Interface)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC10FX Datasheet(HTML) 2 Page - Analog Devices

  DAC10FX Datasheet HTML 1Page - Analog Devices DAC10FX Datasheet HTML 2Page - Analog Devices DAC10FX Datasheet HTML 3Page - Analog Devices DAC10FX Datasheet HTML 4Page - Analog Devices DAC10FX Datasheet HTML 5Page - Analog Devices DAC10FX Datasheet HTML 6Page - Analog Devices DAC10FX Datasheet HTML 7Page - Analog Devices DAC10FX Datasheet HTML 8Page - Analog Devices DAC10FX Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
REV. D
DAC10–SPECIFICATIONS
–2–
ELECTRICAL CHARACTERISTICS
DAC10F
DAC10G
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Units
MONOTONICITY
10
10
Bits
NONLINEARITY
NL
0.3
0.5
0.6
1
LSB
DIFFERENTIAL
NONLINEARITY
DNL
0.3
1
0.7
LSB
SETTLING TIME
tS
All Bits Switched ON or OFF
Settle to 0.05% of FS (See Note)
85
135
85
150
ns
OUTPUT CAPACITANCE
CO
18
18
pF
PROPAGATION DELAY
tPLH
All Bits Switched
RL = 5 kΩ
50
50
ns
tPHL
RL = 0 kΩ
50
50
ns
OUTPUT VOLTAGE
Full-Scale Current Change
–5.5
–5.5
V
COMPLIANCE
VOC
<1 LSB
+10
+10
V
GAIN TEMPCO
TCIFS
(See Note)
±10
±25
±10
±50
ppm/
°C
FULL-SCALE SYMMETRY
IFSS
IFR–IFR
0.1
4
0.1
4
µA
ZERO-SCALE CURRENT
IZS
0.01
0.5
0.01
0.5
µA
FULL-SCALE CURRENT
IFR
(See Note)
3.960
3.996
4.032
3.920
3.996
4.072
mA
REFERENCE INPUT
SLEW RATE
DI/dt
6
6
mA/
µs
REFERENCE BIAS
CURRENT
IB
–1
–3
–1
–3
µA
POWER SUPPLY
PPS/FS+
4.5 V
≤ V+ ≤ –18 V
0.001
0.01
0.001
0.01
%
∆I
FS/%∆V
SENSITIVITY
PPS/FS–
–18 V
≤ V– ≤ –10 V
0.0012 0.01
0.0012 0.01
%
∆I
FS/%∆V
POWER SUPPLY CURRENT I+
VS = ± 15 V; IREF = 2 mA
2.3
4
2.3
4
mA
I–
–9
–15
–9
–15
mA
I+
VS = +5 V; –7.5 V; IREF = 1 mA
1.8
4
1.8
4
mA
I–
–5.9
–9
–5.9
–9
mA
POWER DISSIPATION
PD
VS = ± 15 V; IREF = 2 mA
231
285
231
285
mW
PD
VS = +5 V; –7.5 V; IREF = 1 mA
85
88
85
88
mW
LOGIC INPUT LEVELS
VIL
VLC = 0
0.8
0.8
V
VIH
VLC = 0
2
2
V
LOGIC INPUT CURRENTS
IIL
VLC = 0; VIN = 0.8 V
–10
–5
–10
–5
µA
IIH
VIN = 2.0 V
0.001
10
0.001
10
µA
ELECTRICAL CHARACTERISTICS
DAC10F
DAC10G
Parameter
Symbol Conditions
Min
Typ
Max
Min
Typ
Max
Units
MONOTONICITY
10
10
Bits
NONLINEARITY
NL
0.3
0.5
0.6
1
LSB
DIFFERENTIAL
NONLINEARITY
DNL
0.3
1
0.7
LSB
OUTPUT VOLTAGE
COMPLIANCE
VOC
Full-Scale Current Change, <1 LSB
–5
–6/+18 +10
–5
–6/+15 +10
V
FULL-SCALE CURRENT
IFS
VREF = 10.000 V,
R14 = R15 = 5.000 k
Ω
3.978
3.996
4.014
3.956
3.996
4.036
mA
FULL-SCALE SYMMETRY
IFSS
IFR–IFR
0.1
4
0.1
0.4
µA
ZERO-SCALE CURRENT
IZS
0.01
0.5
0.01
0.5
µA
NOTE: Guaranteed by design.
(@ VS =
15 V; IREF = 2 mA; 0 C
≤ T
A
≤ +70 C for DAC10F and G, unless otherwise noted.
Output characteristics apply to both IOUT and IOUT.)
(@ VS =
15 V; IREF = 2 mA; TA = +25 C, unless otherwise noted. Output characteristics
apply to both IOUT and IOUT.)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com