Electronic Components Datasheet Search
  English  ▼

X  

ELJPC2R2MF Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ELJPC2R2MF
Description  Low DCR and large current capability, suitable for power circuitry.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJPC2R2MF Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ELJPC2R2MF Datasheet HTML 1Page - Panasonic Semiconductor ELJPC2R2MF Datasheet HTML 2Page - Panasonic Semiconductor ELJPC2R2MF Datasheet HTML 3Page - Panasonic Semiconductor ELJPC2R2MF Datasheet HTML 4Page - Panasonic Semiconductor ELJPC2R2MF Datasheet HTML 5Page - Panasonic Semiconductor ELJPC2R2MF Datasheet HTML 6Page - Panasonic Semiconductor ELJPC2R2MF Datasheet HTML 7Page - Panasonic Semiconductor ELJPC2R2MF Datasheet HTML 8Page - Panasonic Semiconductor ELJPC2R2MF Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
1
2
3
4
5
6
7
8
9
10
F
11
PF
PE
PC
LC
PA
LA
PB
1005 (0402)
1608 (0603)
2520 (1008)
2520 (1008)
3225 (1210)
3225 (1210)
4532 (1812)
1.5 nH
10 nH
220 nH
3.3 μH
47 μH
560 μH
1N5
10N
R22
3R3
470
561
±0.3 nH
±5 %
±10 %
±20 %
D
J
K
M
Taping
Chip Inductors
Product code
Shape
Size : mm (inch)
Inductance
Inductance tolerance
Packaging Design No.
4. High Power Type PF, PE, PC, PA, PB, LC, LA
■ Features
● Low DCR and large current capability, suitable for power circuitry.
● Wire wound, resin molded chip inductor. (PC, PA, PB, LC, LA type)
● Unique Ceramic Core/Laser-cut technology (PF, PE type)
● Capable of being Re-flow or flow soldered.
● Wide line-up from 1005 to 4532 case sizes.
● Good for mounting.
● RoHS compliant
■ Recommended Applications
● AV equipment, Wireless communication equipment and various types of general electronic equipment.
■ Explanation of Part Numbers
■Storage Conditions
● Package
: Normal temperature (–5 to 35 °C), normal humidity (85 %RH max.), shall not be exposed to
direct sunlight and harmful gases and care should be taken so as not to cause dew.
● Operating Temperature : –40 to +85 °C (PF, PE)
–20 to +85 °C (PC, PA, PB, LC, LA)
■Storage Period
● Solderability may be reduced due to the conditions of high temperature and high humidity which causes the oxidation
of tin-plated terminals. Even if storage conditions are within specified limits, solderability may be reduced with the
passage of time. Therefore, please control the storage conditions and try to use the product within 6 months of receipt.
■Packaging Methods, Soldering Conditions and Safety Precautions
Please see Data Files.
Sep. 2012
03
1
Discontinued
:Wirewound Chip Inductor. ELJPC, ELJPA, ELJPB, ELJLC, ELJLA


Similar Part No. - ELJPC2R2MF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJPC2R2MF PANASONIC-ELJPC2R2MF Datasheet
571Kb / 15P
Chip inductors
ELJPC2R2MF PANASONIC-ELJPC2R2MF Datasheet
236Kb / 7P
High Power Type PF, PE, PC, PA, PB
ELJPC2R2MF PANASONIC-ELJPC2R2MF Datasheet
283Kb / 5P
High Power Types PF, PE, PC, PA, PB
ELJPC2R2MF PANASONIC-ELJPC2R2MF Datasheet
134Kb / 7P
Fixed Inductors Chip Inductors
ELJPC2R2MF3 PANASONIC-ELJPC2R2MF3 Datasheet
134Kb / 7P
Fixed Inductors Chip Inductors
More results

Similar Description - ELJPC2R2MF

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
DP500F KODENSHI-DP500F Datasheet
285Kb / 4P
Suitable for low voltage large current drivers
DN050 KODENSHI-DN050 Datasheet
197Kb / 4P
Suitable for low voltage large current drivers
DN050S KODENSHI-DN050S Datasheet
272Kb / 4P
Suitable for low voltage large current drivers
DN100 KODENSHI-DN100 Datasheet
178Kb / 4P
Suitable for low voltage large current drivers
DP500 KODENSHI-DP500 Datasheet
59Kb / 3P
Suitable for low voltage large current drivers
DP500F KODENSHI-DP500F Datasheet
285Kb / 4P
Suitable for low voltage large current drivers
DP500P KODENSHI-DP500P Datasheet
53Kb / 3P
Suitable for low voltage large current drivers
SPS8550 KODENSHI-SPS8550 Datasheet
192Kb / 4P
Suitable for low voltage large current drivers
logo
TOKO, Inc
DFEH12060D TOKO-DFEH12060D Datasheet
229Kb / 1P
Suitable for large current
logo
Murata Manufacturing Co...
PLT10HH9016R0PN MURATA1-PLT10HH9016R0PN_V01 Datasheet
399Kb / 4P
Meets large current up to 18A max. suitable for power lines
Last updated07/27/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com