Electronic Components Datasheet Search
  English  ▼

X  

PS9601L Datasheet(PDF) 6 Page - NEC

Part # PS9601L
Description  HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9601L Datasheet(HTML) 6 Page - NEC

  PS9601L Datasheet HTML 1Page - NEC PS9601L Datasheet HTML 2Page - NEC PS9601L Datasheet HTML 3Page - NEC PS9601L Datasheet HTML 4Page - NEC PS9601L Datasheet HTML 5Page - NEC PS9601L Datasheet HTML 6Page - NEC PS9601L Datasheet HTML 7Page - NEC PS9601L Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PS9601, PS9601L
6
120
–50
PROPAGATION DELAY TIME
vs. AMBIENT TEMPERATURE
TA - Ambient Temperature - ˚C
tPHL
tPLH
IF = 7.5 mA
VCC = 5 V
RL = 350
Ω
80
60
40
20
0
5
10
15
20
25
PROPAGATION DELAY TIME
vs. FORWARD CURRENT
IF - Forward Current - mA
tPHL
tPLH
VCC =
5 V
RL =
350
Ω
100
80
60
40
20
0
–25
0
25
50
75
100
60
–50
ENABLE PROPAGATION DELAY TIME
vs. AMBIENT TEMPERATURE
TA - Ambient Temperature - ˚C
tEHL
tELH
IF = 7.5 mA
VCC = 5 V
VEH = 3 V
VEL = 0.5 V
RL = 350
Ω
40
20
0
–25
0
25
50
75
100
25
–50
SWITCHING TIME vs.
AMBIENT TEMPERATURE
TA - Ambient Temperature - ˚C
tr
IF = 7.5 mA
VCC = 5 V
RL = 350
Ω
20
15
10
5
0
–25
0
25
50
75
100
tf
100
RL - Load Resistance -
Ω
1 000
500
100
50
10
500 1 k
5 k 10 k
50 k
tPLH
tPHL
PROPAGATION DELAY TIME vs.
LOAD RESISTANCE
IF = 7.5 mA
VCC = 5 V
PW = 1 s,
duty 1/10
µ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com