Electronic Components Datasheet Search
  English  ▼

X  

HM14 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HM14
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HM14 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HM14 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HM14 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HM14 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. :HE5908-B
Issued Date : 1998.04.09
Revised Date : 2000.10.01
Page No. : 1/3
HSMC Product Specification
HM14
NPN EPITAXIAL PLANAR TRANSISTOR
Description
The HM14 is a darlington amplifier transistor designed for
applications requiring extremely high current gain.
Features
• High D.C current gain
• HM14 is complementary to HM64
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ............................................................................................ -55 ~ +150
°C
Junction Temperature ................................................................................... +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C) ...................................................................................... 1 W
• Maximum Voltages and Currents (Ta=25°C)
VCBO Collector to Base Voltage ........................................................................................ 30 V
VCES Collector to Emitter Voltage...................................................................................... 30 V
VEBO Emitter to Base Voltage ........................................................................................... 10 V
IC Collector Current ....................................................................................................... 300 mA
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
30
-
-
V
IC=100uA, IE=0
BVCES
30
-
-
V
IC=100uA, IB=0
BVEBO
10
-
-
V
IE=10uA, IC=0
ICBO
-
-
100
nA
VCB=30V, IE=0
IEBO
-
-
100
nA
VEB=10V, IC=0
*VCE(sat)
-
-
1.5
V
IC=100mA, IB=0.1mA
*VBE(on)
-
-
2
V
VCE=5V, IC=100mA
*hFE1
10K
-
-
VCE=5V, IC=10mA
*hFE2
20K
-
-
VCE=5V, IC=100mA
fT
125
-
-
MHz
VCE=5V, IC=10mA, f=100MHz
*Pulse Test : Pulse Width
≤380us, Duty Cycle≤2%


Similar Part No. - HM14

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM1404C HMSEMI-HM1404C Datasheet
507Kb / 7P
N-Channel Enhancement Mode Power MOSFET
HM1404D HMSEMI-HM1404D Datasheet
615Kb / 7P
N-Channel Enhancement Mode Power MOSFET
HM1410 HMSEMI-HM1410 Datasheet
749Kb / 9P
2A 380KHz 18V Buck DC to DC Converter
logo
Hi-Sincerity Mocroelect...
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
Shenzhen Huazhimei Semi...
HM1460 HMSEMI-HM1460 Datasheet
1Mb / 19P
Single Buck Voltage Mode PWM Controller
More results

Similar Description - HM14

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com